Electronic Components Datasheet Search
  English  ▼

X  

PB2003NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PB2003NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PB2003NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PB2003NL Datasheet HTML 1Page - Pulse A Technitrol Company PB2003NL Datasheet HTML 2Page - Pulse A Technitrol Company PB2003NL Datasheet HTML 3Page - Pulse A Technitrol Company PB2003NL Datasheet HTML 4Page - Pulse A Technitrol Company PB2003NL Datasheet HTML 5Page - Pulse A Technitrol Company PB2003NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
104
SPM2007 (11/07)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD Platforms - EFD15, EFD20 and EFD25
Electrical Specifications @ 25°C — Operating Temperature - 40°C to 125°C
Notes:
1. The temperature of the component (ambient plus temperature rise) must
be within the stated operating temperature range.
2. The above transformers and inductors have been tested and approved
by Pulse's power IC partners and are sited in the appropriate datasheet
or evaluation board documentation at these companies. To determine
which IC and IC partners are matched with the above Pulse part numbers
please consult the IC Cross Reference on the Pulse website.
3. The rated current as listed is either 85% of the saturation current or the
heating current whichever is lower.
4. The saturation current is the current which causes the inductance to drop
by 20% at 25°C. This current is determined by placing the component in
the specified ambient environment and applying a short duration pulse
current (to eliminate self-heating effects) to the component.
5. The heating current is the dc current which causes the temperature of the
part to increase by approximately 40°C.
6. Add 'T' suffix to the part number for Tape & Reel version (ie: PB2041NLT).
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL
suffixed parts are not necessarily RoHS compliant, but are electrically
and mechanically equivalent to NL versions. If a part number does not
have the "NL" suffix, but an RoHS compliant version is required, please
contact Pulse for availability.
10-PIN SMT
SUGGESTED PAD LAYOUT
.960
24,38
10X .035
0,90
.098
2,50
.680
17,27
.392
9,96
10X .028
0,71
.098
2,50
.850
21,59
MAX
.640
16,26
MAX
Part Number
Date Code
Country of Origin
.392
9,96
.062 ± .006
1,57 ± 0,15
10X
10X 0°- 8°
.005/0,13
10 SURFACES
.010
0,25
.330 MAX
8,38
12X .072
1,83
.004/0,10
12 SURFACES
.010 ± .002
0,25 ± 0,05
.330 MAX
8,38
SUGGESTED PAD LAYOUT
.900
22,86
10X .035
0,90
.490
12,45
.098
2,50
.722
18,34
12-PIN SMT
Part Number
Date Code
Country of Origin
.875
22,23
MAX
.675
17,15
MAX
12X .028
0,71
.490
12,45
.098
2,50
Mechanicals
EFD 15
TRANSFORMERS
(continued)
Part 6,7
Turns Ratio
Primary
Primary
Leakage
DCR (m
Ω MAX)
Number
Application 2
Secondary
Inductance
Inductance
Pri.
Pri.
Sec.
Sec.
Pri.
Sec. Pri. Aux.
Isolation
(µH MIN)
(µH MAX)
Aux.
A
B
EFD 25 PLATFORMS - UPTO 180W
EFD 25 - 10 PIN THT - (26.4MM X 26.1MM X 14.0MM)
100W Forward Transformer
1500Vdc
PA0397NL
Vin=36-75v, Freq.=250kHz
9
2
8
Basic
113
0.64
21
570
3.3
N/A
Vout=3.3v/30A, 12v/0.1A
EFD 25 - 10 PIN SMT - (32.0MM X 26.2MM X 13.5MM)
165 F-Bridge Transformer
500Vrms
PA0302NL
Vin=21-56v, Freq.=230kHz
1
1
1
Operational
24
0.1
8
130
8
8
Vout=15v/11A
EFD 25 - 12 PIN SMT - (32.0MM X 26.2MM X 13.7MM)
72W Forward Transformer
2250Vrms
PA0700NL
Vin=12v, Freq.=250kHz
3
22
N/A
Operational
21.4
0.5
4
N/A
95
N/A
Vout=48v/1.5A
INDUCTORS
Induct.
Induct.
Saturation
Heating
±12v
Part 6,7
Application 2
@ Irated
Irated
Turns Ratio
DCR (m
Ω MAX)
0 Adc 3
Current 4
Current 5
Winding
Number
(µH MIN)
(Adc)
Winding
Winding
Winding
(µH ±7%)
@25°
(A)
to Aux.
12
3
Isolation
EFD 20 PLATFORMS
EFD 20 - 12 PIN SMT - (29.2MM X 21.8MM X 11.4MM)
Output Inductor
3:3:4
29.2
87.6
253
1500
PB2042NL
for PB2041
13
4
(+12v:-12v:Aux)
(+12v)
(+12v)
(15v Aux.)
14.4
5
4
Vrms
Transformer
Basic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com