Electronic Components Datasheet Search
  English  ▼

X  

2SC2324 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC2324
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2324 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC2324 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC2324(K)
Silicon NPN Epitaxial
Application
Low frequency power amplifier
Outline
TO-126 MOD
1. Emitter
2. Collector
3. Base
1
2
3
3
2
1
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
60
V
Collector to emitter voltage
V
CEO
60
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
1A
Collector peak current
I
C(peak)
2A
Collector power dissipation
P
C
0.8
W
P
C*
1
8W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.


Similar Part No. - 2SC2324

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2320 MITSUBISHI-2SC2320 Datasheet
492Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SC2328A UTC-2SC2328A Datasheet
44Kb / 2P
AUDIO POWER AMPLIFIER
2SC2328A UTC-2SC2328A Datasheet
119Kb / 2P
AUDIO POWER AMPLIFIER
2SC2328AG-X-T92-B UTC-2SC2328AG-X-T92-B Datasheet
158Kb / 3P
AUDIO POWER AMPLIFIER
2SC2328AG-X-T92-K UTC-2SC2328AG-X-T92-K Datasheet
158Kb / 3P
AUDIO POWER AMPLIFIER
More results

Similar Description - 2SC2324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com