Electronic Components Datasheet Search
  English  ▼

X  

LD7246A Datasheet(PDF) 2 Page - NEC

Part # LD7246A
Description  14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7246A Datasheet(HTML) 2 Page - NEC

  LD7246A Datasheet HTML 1Page - NEC LD7246A Datasheet HTML 2Page - NEC LD7246A Datasheet HTML 3Page - NEC LD7246A Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD7246A
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 13.75 to 14.5 GHz
Output Power ………………………………………… 123 W
Heater Voltage ………………………………………… 4.5 V
Heater Current ………………………………………… 1.0 A
Type of Cathode ……………………………………… Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………… 180 s
MECHANICAL
Dimensions …………………………………………… See Outline
Weight ………………………………………………… 1.3 kg approx.
Focusing
……………………………………………… Periodic Permanent Magnet
Mounting Position …………………………………… Any
Electrical Connections ……………………………… Flying Leads
Heater, Heater-Cathode,
Helix, Collector-1, Collector-2
RF Connections
Input ………………………………………………… SMA- Female
Output ……………………………………………… Mates with UBR-120 Flange
Cooling ………………………………………………… Conduction
ABSOLUTE RATINGS ( Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
4.2
4.8
V
Heater Surge Current
……………………………
–
2.5
A
Heater Current ………………………………………
–
1.3
A
Heater Warm-up Time ……………………………
180
–
s
Helix Voltage
………………………………………
6.0
6.4
kV
Helix Current
………………………………………
–
5.0
mA
Collector-1 Voltage …………………………………
3.1
3.3
kV
Collector-2 Voltage …………………………………
1.5
1.7
kV
Cathode Current ……………………………………
–
140
mA
RF Drive Power ……………………………………
–
1.0
dBm
Load VSWR …………………………………………
–
1.5 : 1
MECHANICAL
Min.
Max.
Unit
Baseplate Temperature
Storage ……………………………………………
–30
+110
˚C
Operation …………………………………………
–30
+110
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com