Electronic Components Datasheet Search
  English  ▼

X  

2SC2547 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC2547
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2547 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC2547 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2547 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC2545, 2SC2546, 2SC2547
5
0.1
100
50
500
1,000
200
5,000
2,000
0.2
0.5 1.0
2
5
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
10 20
50 100
VCE = 12 V
Pulse
1
0.02
0.01
0.1
0.2
0.05
1.0
0.5
2
5
10
20
Collector Current IC (mA)
Collector to Emitter Saturation Voltage
vs. Collector Current
50
100
IC = 10 IB
1
0.2
0.1
1.0
2
0.5
10
5
2
5
10
20
Collector Current IC (mA)
Base to Emitter Saturation Voltage
vs. Collector Current
50
100
IC = 10 IB
1
50
20
200
500
100
2,000
1,000
2
5
10
20
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
50
100
VCE = 12 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com