Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP3C40
Description  Cyclone III low-cost FPGAs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 6 Page - Altera Corporation

  EP3C40 Datasheet HTML 1Page - Altera Corporation EP3C40 Datasheet HTML 2Page - Altera Corporation EP3C40 Datasheet HTML 3Page - Altera Corporation EP3C40 Datasheet HTML 4Page - Altera Corporation EP3C40 Datasheet HTML 5Page - Altera Corporation EP3C40 Datasheet HTML 6Page - Altera Corporation EP3C40 Datasheet HTML 7Page - Altera Corporation EP3C40 Datasheet HTML 8Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Cyclone III FPGAs • March 2007 • www.altera.com

Nios II embedded processor
Get the performance you need with the right feature set and keep costs down.
With the versatility of our Nios® II soft-core embedded processor, you can build
an exact-fit processor, customized for your application in minutes. A Nios II
processor implemented in a Cyclone III FPGA allows you to choose the exact set
of CPUs, peripherals, and interfaces that you need ,and to remotely upgrade in the
field. You can address changing requirements to stay competitive. You can also
increase performance without changing your board design—accelerating only
functions that need it and combining many functions onto one chip. With the
Nios II embedded processor, you’ll lower overall cost, design complexity, and
power consumption. Assemble an exact-fit processor system every time with the
world’s most versatile processor.
Low-cost development kits and free reference designs
The Cyclone III FPGA Starter Kit is available today to get your next design up
and running in hardware as quickly as possible. Whether your’re designing for
communications, embedded systems hardware or software, or vertical market areas
such as video and image processing, display, wireless, or another high-volume, cost-
sensitive application, Altera and partner development kits give you everything you
need to create and implement your design right out of the box.
Intellectual property
Altera and its partners provide
off-the-shelf intellectual
property (IP) cores. You can
use these pre-optimized cores
easily, reducing design and
test time.
Cyclone III package overview1
Device
E144
Q240
F256
F324
F484
F780
U256
U484
EP3C5
94
182
182
EP3C10
94
182
182
EP3C16
84
160
168
346
168
346
EP3C25
82
148
156
215
156
EP3C40
128
195
331
535
331
EP3C55
327
377
217
EP3C80
295
429
295
EP3C120
283
531
Cyclone III device overview
Device
LEs
M9K
Memory
Blocks
Total
Memory
(Mbits)
Multipliers
PLLs
Total Global
Clocks
Maximum
User I/O
Pins
EP3C5
5,136
46
0.4
23
2
10
182
EP3C10
10,320
46
0.4
23
2
10
182
EP3C16
15,408
56
0.5
56
4
20
346
EP3C25
24,624
66
0.6
66
4
20
215
EP3C40
39,600
126
1.1
126
4
20
535
EP3C55
55,856
260
2.3
156
4
20
377
EP3C80
81,264
305
2.7
244
4
20
428
EP3C120
119,088
432
3.9
288
4
20
531
Device features
that deliver functionality.
A selection of low-cost packages
and user I/O pin counts.
1
For more information on packages, see Cyclone FPGA Series Package and I/O Matrix at www.altera.com/selectorguides.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com