Electronic Components Datasheet Search
  English  ▼

X  

NCT72 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCT72
Description  1C Temperature Monitor with Series Resistance Cancellation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT72 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCT72 Datasheet HTML 9Page - ON Semiconductor NCT72 Datasheet HTML 10Page - ON Semiconductor NCT72 Datasheet HTML 11Page - ON Semiconductor NCT72 Datasheet HTML 12Page - ON Semiconductor NCT72 Datasheet HTML 13Page - ON Semiconductor NCT72 Datasheet HTML 14Page - ON Semiconductor NCT72 Datasheet HTML 15Page - ON Semiconductor NCT72 Datasheet HTML 16Page - ON Semiconductor NCT72 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
NCT72
http://onsemi.com
13
3. When all data bytes have been read or written,
stop conditions are established. In write mode, the
master pulls the data line high during the tenth
clock pulse to assert a stop condition. In read
mode, the master device overrides the
acknowledge bit by pulling the data line high
during the low period before the ninth clock pulse.
This is known as no acknowledge. The master
takes the data line low during the low period
before the tenth clock pulse, then high during the
tenth clock pulse to assert a stop condition.
Any number of bytes of data are transferable over
the serial bus in one operation, but it is not
possible to mix read and write in one operation
because the type of operation is determined at the
beginning and cannot subsequently be changed
without starting a new operation. For the NCT72,
write operations contain either one or two bytes,
while read operations contain one byte.
To write data to one of the device data registers, or to read
data from it, the address pointer register must be set so that
the correct data register is addressed. The first byte of a write
operation always contains a valid address that is stored in the
address pointer register. If data is to be written to the device,
the write operation contains a second data byte that is written
to the register selected by the address pointer register.
This procedure is illustrated in Figure 15. The device
address is sent over the bus followed by R/W set to 0. This
is followed by two data bytes. The first data byte is the
address of the internal data register to be written to, which
is stored in the address pointer register. The second data byte
is the data to be written to the internal data register.
Figure 15. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT72
START BY
MASTER
19
1
ACK. BY
NCT72
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT72
STOP BY
MASTER
1
9
SCLK (CONTINUED)
SDATA (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
R/W
Figure 16. Writing to the Address Pointer Register Only
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT72
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
NCT72
9
R/W
Figure 17. Reading Data from a Previously Selected Register
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCT72
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
NCT72
9
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com