Electronic Components Datasheet Search
  English  ▼

X  

NCT75 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT75
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT75 Datasheet(HTML) 2 Page - ON Semiconductor

  NCT75 Datasheet HTML 1Page - ON Semiconductor NCT75 Datasheet HTML 2Page - ON Semiconductor NCT75 Datasheet HTML 3Page - ON Semiconductor NCT75 Datasheet HTML 4Page - ON Semiconductor NCT75 Datasheet HTML 5Page - ON Semiconductor NCT75 Datasheet HTML 6Page - ON Semiconductor NCT75 Datasheet HTML 7Page - ON Semiconductor NCT75 Datasheet HTML 8Page - ON Semiconductor NCT75 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCT75
http://onsemi.com
2
Figure 1. Simplified Block Diagram
1
VDD
TWO-WIRE
INTERFACE
DELTA-SIGMA
ADC
CONTROL
LOGIC
REGISTERS
CONFIGURATION
TEMPERATURE
ONE-SHOT
THYST
TOS
2
5
6
7
8
4
3
OS/ALERT
GND
SDA
SCL
A2
A1
A0
Figure 2. Typical Application Circuit
1
VDD 3.0 V To 5.5 V
2
5
6
7
4
3
OS/ALERT
GND
SDA
SCL
A2
A1
A0
CBYPASS
ADDRESS
(SET AS DESIRED)
SERIAL INTERFACE
NOTE: SDA, SCL AND OS/ALERT PINS
REQUIRE PULL-UP RESISTORS TO VDD
NCT75
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
SDA
SMBus/I2C Serial Bi-directional Data Input/Output. Open-drain pin; needs a pull-up resistor.
2
SCL
Serial Clock Input. Open-drain pin; needs a pull-up resistor.
3
OS/ALERT
Over-temperature Indicator. Open-drain output; needs a pullup resistor. Active Low output.
4
GND
Power Supply Ground.
5
A2
SMBus/I2C Serial Bus Address Selection Pin. Connect to GND or VDD to set the desired I2C address.
6
A1
SMBus/I2C Serial Bus Address Selection Pin. Connect to GND or VDD to set the desired I2C address.
7
A0
SMBus/I2C Serial Bus Address Selection Pin. Connect to GND or VDD to set the desired I2C address.
8
VDD
Positive Supply Voltage, 3.0 V to 5.5 V. Bypass to ground with a 0.1
mF bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com