Electronic Components Datasheet Search
  English  ▼

X  

2SC4196 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4196 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC4196 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4196 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC4196
6
S Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.718
–44.8
12.498
144.9
0.026
68.8
0.895
–14.6
200
0.549
–78.8
9.123
122.0
0.042
59.3
0.756
–20.3
300
0.439
–102.0
6.788
108.4
0.051
57.6
0.671
–21.3
400
0.381
–120.8
5.348
99.3
0.060
58.5
0.626
–21.5
500
0.351
–135.5
4.396
92.4
0.068
60.6
0.600
–21.8
600
0.340
–148.2
3.732
86.7
0.076
62.5
0.582
–22.5
700
0.337
–157.8
3.240
81.7
0.085
64.3
0.569
–23.3
800
0.337
–165.2
2.875
77.3
0.094
66.0
0.558
–24.4
900
0.343
–173.1
2.575
73.4
0.103
67.3
0.547
–25.8
1000
0.359
–177.9
2.355
70.0
0.112
68.4
0.538
–27.2
Test Condition V
CE = 5 V, IC = 10 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.553
–65.2
17.540
133.2
0.022
64.8
0.809
–18.0
200
0.401
–103.4
11.066
111.3
0.033
61.3
0.659
–20.0
300
0.337
–127.4
7.723
99.9
0.043
63.9
0.598
–18.6
400
0.314
–143.9
5.939
92.5
0.052
66.3
0.570
–18.1
500
0.313
–155.7
4.816
86.7
0.063
68.6
0.555
–18.2
600
0.314
–165.5
4.052
81.8
0.073
70.1
0.545
–18.9
700
0.327
–172.2
3.496
77.6
0.083
71.4
0.536
–19.9
800
0.335
–177.7
3.090
73.8
0.093
72.4
0.530
–21.0
900
0.349
176.8
2.753
70.1
0.103
73.0
0.523
–22.4
1000
0.354
172.8
2.515
67.0
0.113
74.0
0.516
–24.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com