Electronic Components Datasheet Search
  English  ▼

X  

2SC4416 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4416
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4416 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4416 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4416
7
Y Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
2.182
5.286
149.226
–28.448
–0.004
–0.459
0.069
0.745
200
4.596
9.838
138.489
–53.561
–0.005
–0.941
0.137
1.465
300
8.314
13.395
121.525
–74.164
–0.025
–1.460
0.086
2.251
400
12.329
15.566
103.171
–87.811
–0.044
–1.955
0.111
3.025
500
16.310
16.548
83.990
–97.188
–0.068
–2.451
0.080
3.813
600
19.817
16.562
66.015
–100.594
–0.104
–2.958
0.154
4.618
700
22.727
15.707
49.791
–101.015
–0.136
–3.433
0.226
5.461
800
25.355
14.778
36.105
–98.928
–0.165
–3.943
0.246
6.241
900
27.058
13.073
23.869
–95.428
–0.192
–4.438
0.307
7.067
1000
28.966
11.370
13.481
–92.170
–0.260
–4.944
0.328
7.902
Test Condition V
CE = 5 V, IC = 10 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
4.137
6.218
246.938
–82.680
–0.004
–0.462
0.139
0.754
200
7.995
10.306
193.805
–128.092
–0.015
–0.937
0.220
1.578
300
12.296
12.125
140.844
–144.955
–0.027
–1.432
0.322
2.338
400
15.691
12.521
100.830
–145.272
–0.024
–1.913
0.404
3.028
500
18.471
12.026
70.237
–139.959
–0.049
–2.396
0.410
3.817
600
20.418
11.618
48.828
–130.672
–0.032
–2.894
0.492
4.460
700
21.855
10.887
33.158
–121.649
–0.024
–3.394
0.474
5.196
800
23.059
10.127
20.494
–112.454
–0.017
–3.889
0.502
5.950
900
23.687
9.375
11.528
–103.839
–0.013
–4.418
0.446
6.699
1000
24.366
8.807
4.277
–96.921
–0.013
–4.905
0.471
7.486



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com