Electronic Components Datasheet Search
  English  ▼

X  

2SC4422 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4422
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4422 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4422 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4422
7
S Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.747
–42.0
12.471
143.1
0.044
69.5
0.840
–24.6
200
0.534
–70.3
8.958
119.9
0.071
62.3
0.640
–36.3
300
0.394
–91.0
6.624
106.1
0.090
61.2
0.522
–40.4
400
0.310
–105.3
5.194
96.8
0.108
62.5
0.456
–42.4
500
0.258
–117.0
4.280
89.7
0.126
64.1
0.417
–43.7
600
0.216
–126.9
3.636
84.0
0.145
65.1
0.391
–45.4
700
0.193
–139.0
3.170
79.0
0.165
65.9
0.376
–47.5
800
0.167
–149.6
2.824
74.5
0.185
66.5
0.368
–50.0
900
0.157
–162.3
2.543
70.2
0.206
66.9
0.363
–53.1
1000
0.136
–171.9
2.326
66.6
0.227
67.0
0.362
–56.3
Test Condition V
CE = 5 V, IC = 20 mA, ZO = 50 Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.333
–71.6
21.905
117.7
0.031
71.9
0.547
–37.3
200
0.192
–98.5
12.026
100.7
0.054
74.6
0.378
–37.6
300
0.135
–116.1
8.123
92.4
0.079
75.8
0.322
–35.5
400
0.107
–130.9
6.151
86.7
0.104
76.2
0.297
–35.7
500
0.088
–145.2
4.967
82.3
0.129
75.5
0.285
–36.6
600
0.078
–155.4
4.174
78.2
0.153
74.8
0.275
–38.8
700
0.069
–170.6
3.616
74.7
0.178
73.8
0.271
–42.0
800
0.060
176.2
3.201
71.1
0.203
72.8
0.268
–45.3
900
0.063
162.6
2.876
67.9
0.227
71.7
0.268
–49.3
1000
0.051
147.4
2.624
65.0
0.251
70.5
0.271
–53.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com