Electronic Components Datasheet Search
  English  ▼

X  

PLB010020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLB010020
Description  MAGIC LED DIE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLB010020 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010020 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010020 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010020 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010020 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLB010020 Series | Product Datasheet
Datasheet 293108 Issue 1
Page 2 of 5
20/06/2014
Absolute Maximum Ratings
Tamb = +25oC, unless otherwise stated
Parameter
Symbol
Minimum
Maximum
Unit
DC Forward Current
IF
-
25
mA
Peak Pulse Forward Current[1]
IFP
-
50
mA
Reverse Voltage
VR
-
5
V
Storage Temperature
Tstg
-40
+105
oC
Junction Temperature
Tj
-40
+105
oC
[1] pulse width ≤10ms, duty cycle ≤10%
Electro-optical Characteristics
Tamb = +25oC, unless otherwise stated
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
2.8
3.3
3.6
V
Reverse Current
IR
VR = 5V
-
-
10
µA
Dominant wavelength
λd
IF = 20mA
450
460
nm
460
470
470
480
Thermal Resistance
Rthj-m[1]
-
11
-
K/W
[1] Junction to mounting face (excluding package)
Ordering Information
Variant
Order code
Wavelength bins
Intensity bins
PLB010020M
PLB010020MAJ000
M1, M2, M3, M4
2B, 3B, 4B, 5B, 6B
PLB010020P
PLB010020PAJ000
P1, P2
2B, 3B, 4B, 5B, 6B
PLB010020T
PLB010020TAJ000
T1, T2
2B, 3B, 4B, 5B, 6B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com