Electronic Components Datasheet Search
  English  ▼

X  

2SC454 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC454
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC454 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC454 Datasheet HTML 1Page - Hitachi Semiconductor 2SC454 Datasheet HTML 2Page - Hitachi Semiconductor 2SC454 Datasheet HTML 3Page - Hitachi Semiconductor 2SC454 Datasheet HTML 4Page - Hitachi Semiconductor 2SC454 Datasheet HTML 5Page - Hitachi Semiconductor 2SC454 Datasheet HTML 6Page - Hitachi Semiconductor 2SC454 Datasheet HTML 7Page - Hitachi Semiconductor 2SC454 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC454
5
Gain Band width Product vs.
Collector Current
Collector Current IC (mA)
0.1
0.3
1.0
3
10
30
0
100
200
300
400
500
VCE = 12 V
Input/Output Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
12
5
10
20
50
10
20
50
100
200
500
IC = 2 mA
f = 455 kHz, 1 MHz
goe
goe
boe
bie
bie
gie
gie
boe
Input/Output Admittance vs.
Collector Current
Collector Current IC (mA)
0.1
0.2
0.5
1.0
2
10
5
10
20
50
100
200
1,000
500
VCE = 12 V
f = 455 kHz, 1 MHz
goe
goe
boe
bie
gie
boe
bie
gie
Transfer Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
12
5
10
20
50
10
20
50
100
200
500
IC = 2 mA
f = 455 kHz, 1 MHz
bfe
gfe
bfe
bre
bre
gfe



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com