Electronic Components Datasheet Search
  English  ▼

X  

LD7272 Datasheet(PDF) 4 Page - NEC

Part # LD7272
Description  6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7272 Datasheet(HTML) 4 Page - NEC

  LD7272 Datasheet HTML 1Page - NEC LD7272 Datasheet HTML 2Page - NEC LD7272 Datasheet HTML 3Page - NEC LD7272 Datasheet HTML 4Page - NEC LD7272 Datasheet HTML 5Page - NEC LD7272 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LD7272 SERIES
4
DATA SHEET ET0476EJ1V0DS00
LD7272 series OUTLINE (Unit in mm)
LEAD COLOR
LEAD CONNECTIONS
LENGTH
BROWN
HEATER
460 mmMIN.
YELLOW
HEATER-CATHODE
460 mmMIN.
ORANGE
COLLECTOR-1
460 mmMIN.
BLUE
COLLECTOR-2
460 mmMIN.
GREEN
HELIX (GROUND)
460 mmMIN.
8
× 1.0
28
± 1
23
± 0.8
46.4
± 0.8
55
± 0.8
6
± 0.3
46 NOM.
61 NOM.
38
± 1
30.5 NOM.
55.88
± 1.52
56 NOM.
76.2
± 0.25
82
± 1.5
φ
8
× 4.4
φ
10
× 5
RF INPUT
TYPE SMA FEMALE
RF OUTPUT
CBR-137 FLANGE WITH
NO.10-32 UNF-2B THREADED HOLES
φ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com