Electronic Components Datasheet Search
  English  ▼

X  

2SC4784 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4784
Description  Silicon NPN Epitaxial
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4784 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4784 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 10Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC4784
7
S Parameter (V
CE = 5 V, IC = 5 mA, ZO = 50 Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.850
–17.1
13.203
164.8
0.018
80.4
0.965
–10.5
200
0.781
–33.0
12.116
151.3
0.035
72.0
0.898
–19.9
300
0.689
–47.5
10.894
139.0
0.049
65.9
0.815
–27.5
400
0.598
–58.8
9.620
129.5
0.060
62.2
0.735
–32.8
500
0.523
–69.4
8.489
121.6
0.069
59.5
0.667
–36.4
600
0.450
–78.8
7.534
115.1
0.076
57.9
0.610
–38.9
700
0.394
–87.1
6.760
109.9
0.083
57.1
0.563
–40.6
800
0.348
–95.3
6.129
105.1
0.088
57.0
0.523
–42.1
900
0.306
–102.7
5.550
100.7
0.095
56.6
0.493
–42.7
1000
0.278
–109.3
5.113
97.4
0.101
56.8
0.467
–43.5
1100
0.243
–117.8
4.716
94.0
0.107
57.0
0.445
–44.2
1200
0.219
–125.4
4.342
91.0
0.113
56.8
0.428
–44.3
1300
0.203
–132.4
4.057
88.5
0.118
57.1
0.416
–45.1
1400
0.190
–143.7
3.804
85.9
0.124
57.4
0.401
–45.5
1500
0.167
–153.7
3.580
83.8
0.130
57.5
0.390
–45.9
1600
0.171
–163.2
3.391
81.1
0.136
57.8
0.380
–46.6
1700
0.161
–172.5
3.207
79.2
0.143
57.7
0.371
–47.0
1800
0.160
178.6
3.051
77.1
0.149
57.3
0.364
–47.6
1900
0.167
169.4
2.921
75.0
0.155
57.6
0.356
–48.3
2000
0.170
161.4
2.788
73.1
0.161
57.5
0.349
–48.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com