Electronic Components Datasheet Search
  English  ▼

X  

LD7710 Datasheet(PDF) 2 Page - NEC

Part # LD7710
Description  14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7710 Datasheet(HTML) 2 Page - NEC

  LD7710 Datasheet HTML 1Page - NEC LD7710 Datasheet HTML 2Page - NEC LD7710 Datasheet HTML 3Page - NEC LD7710 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD7710
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………
13.75 to 14.5 GHz
Output Power ………………………………………
40 W
Heater Voltage ………………………………………
6.3 V
Heater Current ………………………………………
0.81 A
Heater Surge Current
……………………………
2.5 A
Type of Cathode ……………………………………
Indirect-Heated Impregnated
Cathode Warm-up Time
…………………………
180 s
MECHANICAL
Dimensions …………………………………………
See Outline Drawing
Weight ………………………………………………
350 g approx.
Focusing
……………………………………………
Periodic Permanent Magnet
Mounting Position …………………………………
Any
Cooling ………………………………………………
Conduction
Electrical Connections ……………………………
Flying Leads
Heater, Heater-Cathode,
Helix, Collector-1, Collector-2
RF Connections
Input ………………………………………………
SMA-Female
Output ……………………………………………
SMA-Female
ABSOLUTE RATINGS (Note 1, 2 and 3)
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current
……………………………
–
2.5
A
Heater Current ………………………………………
–
1.2
A
Heater Warm-up Time ……………………………
180
–
s
Helix Voltage
………………………………………
2.95
3.45
kVdc
Helix Current
………………………………………
–
5.0
mAdc
Collector-1 Voltage …………………………………
1.6
2.0
kVdc
Collector-1 Current …………………………………
–
70
mAdc
Collector-2 Voltage …………………………………
0.8
1.0
kVdc
Collector-2 Current …………………………………
–
110
mAdc
Drive Power …………………………………………
–
23
dBm
Load VSWR …………………………………………
–
1.5 : 1
–
MECHANICAL
Min.
Max.
Unit
Heat Sink Temperature ……………………………
–30
+90
˚ C
Storage Temperature ………………………………
–40
+90
˚ C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com