Electronic Components Datasheet Search
  English  ▼

X  

2SC4964 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC4964
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4964 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC4964 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4964 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC4964
4
Base Current I
(mA)
B
0.1
0.2
0.5
1
2
5
1
10
2
10
3
4
6
8
f = 1kHz
On Resistance vs. Base Current
Vin
Vout
100
µF
2nF
D.U.T.
VB
2.7k
Ω
R1(1k )
Ω
Ron=
R1
Vout
Vin-Vout
100
µF
Ron test circuit
0
- 10
- 20
- 30
- 40
- 50
100
200
500
1000
Frequency
f (MHz)
50
V = 5V
B
V = 0
B
Signal Reduction vs. Frequency
INPUT
OUTPUT
33pF
33pF
2nF
L1
D.U.T.
L1 : Inside dia ø 3 mm ,
ø 0.5 mm Enameled Copper Wire 7 Turns.
VB
2.7k
Ω
Signal Reduction test circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com