Electronic Components Datasheet Search
  English  ▼

X  

2SC4993 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4993
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4993 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4993 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4993
7
S Parameters (V
CE = 5 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.787
–35.9
12.02
152.4
0.0390
70.3
0.903
–22.7
400
0.655
–65.4
9.86
132.8
0.0633
51.0
0.754
–39.1
600
0.551
–88.3
8.01
118.4
0.0782
51.0
0.626
–49.8
800
0.472
–106.4
6.54
108.4
0.0882
47.5
0.533
–56.6
1000
0.423
–123.2
5.52
100.3
0.0962
45.7
0.466
–62.0
1200
0.385
–136.2
4.72
94.0
0.103
45.5
0.422
–65.8
1400
0.357
–148.4
4.14
88.5
0.110
46.2
0.390
–69.5
1600
0.347
–159.6
3.68
83.6
0.117
46.2
0.367
–72.8
1800
0.338
–169.2
3.35
79.3
0.124
46.9
0.350
–75.8
2000
0.340
–177.5
3.04
74.9
0.131
47.1
0.337
–79.4
S Parameters (V
CE = 5 V, IC = 10 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.659
–52.2
17.36
144.0
0.0343
65.6
0.827
–30.6
400
0.522
–87.8
12.78
122.8
0.0518
54.8
0.625
–47.7
600
0.445
–114.3
9.68
109.7
0.0626
51.6
0.491
–56.7
800
0.398
–132.4
7.64
100.9
0.0706
51.2
0.409
–61.8
1000
0.374
–147.7
6.29
94.2
0.0789
51.8
0.356
–65.6
1200
0.354
–161.2
5.33
88.7
0.0872
53.0
0.322
–68.5
1400
0.351
–172.0
4.64
84.2
0.0953
54.4
0.299
–71.5
1600
0.353
179.2
4.10
79.9
0.104
55.0
0.284
–74.5
1800
0.351
171.1
3.70
76.3
0.113
55.4
0.273
–77.4
2000
0.358
164.3
3.34
72.5
0.122
55.6
0.266
–80.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com