Electronic Components Datasheet Search
  English  ▼

X  

2SC4994 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4994
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4994 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC4994 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4994
7
S Parameters (V
CE = 5 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.794
–33.7
12.47
155.5
0.0338
71.9
0.919
–20.5
400
0.689
–62.1
10.61
136.9
0.0569
58.9
0.786
–34.9
600
0.586
–84.6
8.73
123.2
0.0706
51.5
0.659
–44.4
800
0.511
–103.0
7.31
113.0
0.0795
47.5
0.558
–51.4
1000
0.457
–119.6
6.16
105.0
0.0867
45.6
0.486
–55.8
1200
0.430
–133.7
5.33
98.6
0.0918
44.9
0.432
–59.2
1400
0.401
–146.8
4.67
93.7
0.0975
44.9
0.395
–62.0
1600
0.400
–158.5
4.16
88.9
0.103
45.3
0.364
–64.5
1800
0.394
–167.9
3.77
84.4
0.108
46.0
0.340
–67.0
2000
0.397
–176.9
3.42
80.6
0.113
46.8
0.321
–69.4
S Parameters (V
CE = 5 V, IC = 10 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.659
–50.5
18.28
146.8
0.0297
66.3
0.850
–27.1
400
0.547
–88.0
13.90
126.0
0.0456
55.4
0.658
–42.4
600
0.478
–113.4
10.66
113.0
0.0549
51.0
0.519
–50.7
800
0.441
–132.4
8.53
104.3
0.0611
50.2
0.430
–54.9
1000
0.419
–148.9
7.00
97.5
0.0680
50.5
0.370
–57.3
1200
0.420
–160.3
5.96
91.9
0.0735
51.9
0.330
–58.9
1400
0.404
–171.6
5.17
87.8
0.0804
53.6
0.303
–60.7
1600
0.413
–179.3
4.59
83.3
0.0875
54.9
0.282
–62.3
1800
0.426
172.2
4.13
80.1
0.0942
56.3
0.266
–64.4
2000
0.431
165.2
3.73
76.8
0.101
56.9
0.252
–66.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com