Electronic Components Datasheet Search
  English  ▼

X  

2SC5022 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5022
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5022 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5022 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5022 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5022
3
4
3
2
1
0
Ambient Temperature Ta (
°C)
50
100
150
200
Collector Power Dissipation
vs. Ambient Temperature
100
50
20
10
0.5
0.2
0.1
100
200
500
1000 2000
5000
Collector to Emitter Voltage V
(V)
CE
1 shot pulse
Ta = 25
°C
ic(peak)
I max
C
Maximum Safe Operation Area
20
10
05
10
Collector to Emitter Voltage V
(V)
CE
I
= 0
B
1.4
mA
1.2
mA
0.8 mA
0.6 mA
0.4 mA
0.2 mA
1.8 mA 1.6 mA
2.0
mA
1.0 mA
Pulse Test
Ta = 25
°C
Typical Output Characteristics
100
50
20
10
5
2
1
0.1 0.2
0.5
1
2
5
10
20
Collector Current
I
(mA)
C
75
°C
25
°C
Ta = –25
°C
V
= 5 V
CE
Pulse Test
DC Current Transfer Ratio vs.
Collector Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com