Electronic Components Datasheet Search
  English  ▼

X  

LD7713 Datasheet(PDF) 2 Page - NEC

Part # LD7713
Description  30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7713 Datasheet(HTML) 2 Page - NEC

  LD7713 Datasheet HTML 1Page - NEC LD7713 Datasheet HTML 2Page - NEC LD7713 Datasheet HTML 3Page - NEC LD7713 Datasheet HTML 4Page - NEC LD7713 Datasheet HTML 5Page - NEC LD7713 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD7713
2
DATA SHEET ET0455EJ1V0DS00
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 27.5 to 30 GHz
Output Power ………………………………………… 20 W
Heater Voltage ………………………………………… 6.3 V
Heater Current ………………………………………… 0.82 A
Heater Surge Current
……………………………… 2.5 A
Type of Cathode ……………………………………… Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………… 180 s
MECHANICAL
Dimensions …………………………………………… See Outline
Weight ………………………………………………… 700 g approx.
Focusing
……………………………………………… Periodic Permanent Magnet
Mounting Position …………………………………… Any
Electrical Connections ……………………………… Flying Leads
RF Connections
Input ………………………………………………… Mates with UG-599/U Flange or K connector Female
Output ……………………………………………… Mates with UG-599/U Flange
Cooling ………………………………………………… Conduction
ABSOLUTE RATINGS (Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current
……………………………
–
2.5
A
Heater Current ………………………………………
–
1.2
A
Heater Warm-up Time ……………………………
180
–
s
Helix Voltage
………………………………………
5.8
6.4
kV
Helix Current
………………………………………
–
5.0
mA
Collector–1 Voltage
………………………………
2.2
2.5
kV
Collector–1 Current
………………………………
–
30
mA
Collector–2 Voltage
………………………………
1.1
1.3
kV
Collector–2 Current
………………………………
–
42
mA
RF Drive Power ……………………………………
–
3
dBm
Load VSWR …………………………………………
–
1.5 : 1
–
ENVIRONMENTAL
Heat Sink Temperature
–30
+90
˚C
Storage Temperature
–40
+90
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com