Electronic Components Datasheet Search
  English  ▼

X  

CMVDRC Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMVDRC
Description  Vertical D-Rings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMVDRC Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMVDRC Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Vertical D-Rings
• Patented cable manager ring
• Standard EIA hole spacing allows product to be mounted to any
standard rack
• Flexible material allows arm to rotate so entire cable bundle can be
inserted and removed
• 1/4" mounting holes allow for a variety of screws to secure the
D-ring to a surface
• Material: Black Polycarbonate
All product color is black.
Part Number
Part Description
Fiber
ScTP
UTP
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMVDR1
Vertical D-ring.
Outside dimensions 5.70"L x 2.00"W.
252
48
96
1
10
CMVDR1S
Vertical D-ring.
Outside dimensions 3.30"L x 2.00"W.
132
32
52
1
10
CMVDR2
Vertical D-ring.
Outside dimensions 5.70"L x 3.00"W.
504
96
192
1
10
CMVDR2S
Vertical D-ring.
Outside dimensions 3.30"L x 3.00"W.
252
48
96
1
10
CMVDRC
Center mounted vertical D-ring for routing
cables between two adjacent racks. Requires
8.25" spacing between the center lines of the
adjacent rack’s mounting holes.
Outside dimensions 5.60"L x 8.00"W.
1000
200
400
1
10
CMVDRC
CMVDR2
CMVDR2S
CMVDR1
CMVDR1S
ELECTRICAL SOLUTIONS
Tak-Ty ® Hook & Loop Cable Tie Mounts
• For use with hook and loop cable ties, see page B1.87, B1.88
• Unique cradle design provides maximum stability for cable bundle
• For indoor use only
• Dimensions: 1.10"L x 1.12"W x 0.34"H
(27.9mm x 28.4mm x 8.6mm)
‡Cable tie cross section sizes: HLT = Tak-Ty ™ Hook & Loop Ties, HLS = Tak-Ty ™ Hook & Loop Strip Tie, TTS = Tak-Tape ™ Roll, UCT = Ultra-Cinch ™ Tie.
*For proper selection of adhesives see page B2.53.
Part Number
Used with
Cable Ties‡
Material
Color
Max. Static
Load
Mounting
Method*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Lbs.
g
ABMT-A-C
HLS,
HLT,
TTS,
UCT
Nylon 6.6
Natural
0.38
174
Pre-installed
Rubber Adhesive
100 1000
ABMT-A-C20
Black
100 1000
ABMT-S6-C
Natural
—
—
#6 (M3) Screw
100 1000
ABMT-S6-C20
Black
100 1000
ABMT-S6-C60
Flame Retardant
Nylon 6.6
Black
100 1000
ABMT-S6-C69
Natural
100 1000
.11
(2.8)
.87
(22.1)
.68
(17.3)
.34
(8.4)
1.12
(28.5)
.142
(3.6)
1.10
(2.80)


Similar Part No. - CMVDRC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMVDRC PANDUIT-CMVDRC Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
More results

Similar Description - CMVDRC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41186 PANDUIT-A41186 Datasheet
176Kb / 1P
3PC. NYLON INSULATED. 12-10 BARREL, RINGS
PV10-6R PANDUIT-PV10-6R Datasheet
107Kb / 1P
2PC. VINYL INSULATED, 12-10 BARREL, RINGS
logo
ebm-papst
9556-2-4013 EBMPAPST-9556-2-4013 Datasheet
138Kb / 1P
INLET RINGS - MOTORIZED IMPELLERS
logo
Aeroflex Circuit Techno...
1001398-008 AEROFLEX-1001398-008 Datasheet
196Kb / 2P
Compact Slip Rings
1001808-001 AEROFLEX-1001808-001 Datasheet
217Kb / 2P
Standard Slip Rings
1001847-001 AEROFLEX-1001847-001 Datasheet
269Kb / 2P
Compact Slip Rings
1001877-001 AEROFLEX-1001877-001 Datasheet
269Kb / 2P
Compact Slip Rings
1002010-100 AEROFLEX-1002010-100 Datasheet
282Kb / 2P
Compact Slip Rings
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com