Electronic Components Datasheet Search
  English  ▼

X  

1MB Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MB
Description  Shielded Construction with low DCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MB Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MB Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MB Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
 
2 
1MB Series
Shielded Power Inductor– Low Cost Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          Ver.:1MB‐2014A
Accetek 
D SPECIFICATIONS
Part Number
Inductance(μH)
Test Freq.
Tolerance
DCR1 Max.(Ω)
IRated2
1MB73-2R2NF
2.2
100KHz, 0.3V
±30%
0.025
5.52
1MB73-3R3NF
3.3
100KHz, 0.3V
±30%
0.035
4.22
1MB73-4R7NF
4.7
100KHz, 0.3V
±30%
0.031
3.00
1MB73-100MF
10
1KHz, 0.3V
±20%
0.072
1.68
1MB73-120MF
12
1KHz, 0.3V
±20%
0.098
1.52
1MB73-150MF
15
1KHz, 0.3V
±20%
0.130
1.33
1MB73-180MF
18
1KHz, 0.3V
±20%
0.140
1.20
1MB73-220MF
22
1KHz, 0.3V
±20%
0.190
1.07
1MB73-270MF
27
1KHz, 0.3V
±20%
0.210
0.96
1MB73-330MF
33
1KHz, 0.3V
±20%
0.240
0.91
1MB73-390MF
39
1KHz, 0.3V
±20%
0.320
0.77
1MB73-470MF
47
1KHz, 0.3V
±20%
0.360
0.76
1MB73-560MF
56
1KHz, 0.3V
±20%
0.470
0.68
1MB73-680MF
68
1KHz, 0.3V
±20%
0.520
0.61
1MB73-820MF
82
1KHz, 0.3V
±20%
0.690
0.57
1MB73-101MF
100
1KHz, 0.3V
±20%
0.790
0.50
1MB73-121MF
120
1KHz, 0.3V
±20%
0.890
0.49
1MB73-151MF
150
1KHz, 0.3V
±20%
1.270
0.43
1MB73-181MF
180
1KHz, 0.3V
±20%
1.450
0.39
1MB73-221MF
220
1KHz, 0.3V
±20%
1.650
0.35
1MB73-271MF
270
1KHz, 0.3V
±20%
2.310
0.32
1MB73-331MF
330
1KHz, 0.3V
±20%
2.620
0.28
1MB73-391MF
390
1KHz, 0.3V
±20%
2.940
0.26
1MB73-471MF
470
1KHz, 0.3V
±20%
4.180
0.24
1MB73-561MF
560
1KHz, 0.3V
±20%
4.670
0.22
1MB73-681MF
680
1KHz, 0.3V
±20%
5.730
0.19
1MB73-821MF
820
1KHz, 0.3V
±20%
6.540
0.18
1MB73-102MF
1000
1KHz, 0.3V
±20%
9.440
0.16
1MB74-100MF
10
1KHz, 0.3V
±20%
0.049
1.84
1MB74-120MF
12
1KHz, 0.3V
±20%
0.058
1.71
1MB74-150MF
15
1KHz, 0.3V
±20%
0.081
1.47
1MB74-180MF
18
1KHz, 0.3V
±20%
0.091
1.31
1MB74-220MF
22
1KHz, 0.3V
±20%
0.110
1.23
1MB74-270MF
27
1KHz, 0.3V
±20%
0.150
1.12
1MB74-330MF
33
1KHz, 0.3V
±20%
0.170
0.96
1MB74-390MF
39
1KHz, 0.3V
±20%
0.230
0.91
1MB74-470MF
47
1KHz, 0.3V
±20%
0.260
0.88
1MB74-560MF
56
1KHz, 0.3V
±20%
0.350
0.75
1MB74-680MF
68
1KHz, 0.3V
±20%
0.380
0.69
1MB74-820MF
82
1KHz, 0.3V
±20%
0.430
0.61
1MB74-101MF
100
1KHz, 0.3V
±20%
0.610
0.60
1MB74-121MF
120
1KHz, 0.3V
±20%
0.660
0.52
1MB74-151MF
150
1KHz, 0.3V
±20%
0.880
0.46



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com