Electronic Components Datasheet Search
  English  ▼

X  

2SC5137 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5137
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5137 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5137 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5137 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SC5137
Silicon NPN Epitaxial
ADE-208-224
1st. Edition
Application
VHF / UHF wide band amplifier
Features
• High gain bandwidth product
f
T = 10 GHz typ
• High gain, low noise figure
PG = 16.5 dB typ, NF = 1.5 dB typ at f = 900 MHz
Outline
1
2
3
1. Emitter
2. Base
3. Collector
SMPAK


Similar Part No. - 2SC5137

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC5130 SANKEN-2SC5130 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Inchange Semiconductor ...
2SC5130 ISC-2SC5130 Datasheet
110Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5130 SAVANTIC-2SC5130 Datasheet
241Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC5130 SANKEN-2SC5130 Datasheet
32Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC5130 SAVANTIC-2SC5130 Datasheet
243Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com