Electronic Components Datasheet Search
  English  ▼

X  

1MS Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MS
Description  Toroidal Storage Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MS Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MS Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MS Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
2 
1MS Series
Toroidal Storage Choke
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1MS‐2012A
Accetek 
D SPECIFICATIONS
L01
LR2
DCR3
IR4
Dimensions(mm)
Part Number
μH
Tolerance
μH
Tolerance
Max.(Ω)
Amp
Aref
Bref
Cref
Dref
1MS05-470F
50
±20%
47
±10%
0.18
0.5
15.0
8.0
7.0
0.3
1MS05-680F
73
±20%
68
min.
0.23
0.5
15.0
8.0
7.0
0.3
1MS05-101F
109
±20%
100
min.
0.30
0.5
15.0
8.0
7.0
0.3
1MS05-151F
167
±20%
150
min.
0.40
0.5
17.5
8.0
7.0
0.3
1MS05-221F
258
±20%
220
min.
0.40
0.5
17.5
8.0
7.0
0.3
1MS05-331F
393
±20%
330
min.
0.70
0.5
17.5
8.0
7.0
0.3
1MS05-471F
557
±20%
470
min.
0.70
0.5
22.5
12.0
10.5
0.3
1MS10-330F
37
±20%
33
min.
0.06
1.0
15.5
8.5
7.5
0.5
1MS10-470F
53
±20%
47
min.
0.08
1.0
17.0
9.5
7.5
0.5
1MS10-680F
80
±20%
68
min.
0.10
1.0
17.0
9.5
7.5
0.5
1MS10-101F
127
±20%
100
min.
0.12
1.0
18.0
9.0
7.5
0.5
1MS10-151F
200
±20%
150
min.
0.18
1.0
18.0
9.0
7.5
0.5
1MS10-221F
345
±20%
220
min.
0.20
1.0
18.5
9.5
8.0
0.5
1MS10-331F
390
±20%
330
min.
0.25
1.0
23.0
12.5
11.0
0.5
1MS10-471F
600
±20%
470
min.
0.33
1.0
30.0
14.0
12.5
0.5
1MS10-681F
890
±20%
680
min.
0.40
1.0
30.0
14.0
13.0
0.5
1MS10-102F
1619
±20%
1000
min.
0.48
1.0
30.0
14.5
12.5
0.5
1MS30-220F
34
±20%
22
min.
0.04
3.0
17.0
11.0
8.0
0.8
1MS30-330F
49
±20%
33
min.
0.05
3.0
21.0
9.5
8.5
0.8
1MS30-470F
75
±20%
47
min.
0.05
3.0
24.0
13.0
11.5
0.8
1MS30-680F
92
±20%
68
min.
0.05
3.0
31.0
13.5
10.0
0.8
1MS30-101F
157
±20%
100
min.
0.06
3.0
31.0
15.0
13.0
0.7
1MS30-221F
346
±20%
220
±20%
0.14
3.0
31.0
15.0
13.0
0.7
1MS30-301F
630
±20%
300
±20%
0.18
3.0
31.0
15.0
13.0
0.7
1MS30-471F
727
±20%
470
±20%
0.24
3.0
42.0
15.0
13.0
0.7
1MS30-681F
1124
±20%
680
±20%
0.28
3.0
44.0
18.5
16.0
0.7
1MS50-8R0F
12
±20%
8
min.
0.01
5.0
28.5
14.5
12.0
1.2
1MS50-220F
26
±20%
22
min.
0.02
5.0
28.5
14.5
12.0
1.2
1MS50-330F
48
±20%
33
min.
0.03
5.0
30.0
12.0
10.0
1.0
1MS50-470F
82
±20%
47
min.
0.03
5.0
30.0
12.0
10.0
1.0
1MS50-680F
137
±20%
68
min.
0.05
5.0
32.0
15.5
13.0
1.0
1MS50-101F
172
±20%
100
±20%
0.06
5.0
32.0
15.5
13.0
1.0
1MS50-151F
220
±20%
150
±20%
0.06
5.0
43.0
15.0
13.0
1.1
1MS50-221F
380
±20%
220
±20%
0.07
5.0
44.0
15.5
13.5
1.0
1. L0 measured @ 100KHz, 0.3V at 25°C temperature.
2. LR measured @ 100KHz, 0.3V with bias current of Ir.
3. DCR measured @ 25°C.
4. IR for an approximate 40°C rise from 25°C ambient temperature.
5. Specifications subject to change without notice please check our website for latest information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com