Electronic Components Datasheet Search
  English  ▼

X  

2SC5545 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5545
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5545 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5545 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5545 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5545
3
Main Characteristics
200
150
100
50
0
50
100
150
200
10
0.1
1
10
12
5
10
20
50
100
0
4
8
12
16
20
100
200
0
1
20
100
Ambient Temperature
Ta (
°C)
Maximum Collector Dissipation Curve
Collector to Base Voltage
V
(V)
CB
Collector Output Capacitance vs.
Collector to Base Voltage
Collector Current
I
(mA)
C
DC Current Transfer Ratio vs.
Collector Current
Collector Current
I
(mA)
C
Gain Bandwidth Product vs.
Collector Current
25
50
V
= 3 V
CE
0.4
0.8
1.2
1.6
2.0
0
0.2
0.5
2
5
V
= 3 V
CE
I
= 0
f = 1MHz
E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com