Electronic Components Datasheet Search
  English  ▼

X  

2BA Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2BA
Description  SMD Balun Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2BA Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2BA Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
1 
2BA Series
SMD Balun Transformers
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:2BA‐2014A
Accetek 
A FEATURES
 Operating Temperature range from -40°C to +105°C (Including Self-heating)
 Base pins are end processed to allow direct mounting on PCB.
 Ideal for use in double balanced mixers/band transformers/transistors/impedance conversion.
B PART NUMBER SYSTEM
2BA
5532
A
-
02
F
❶ 
❷ 
❸ 
 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
2BA
Series Code
5532 (5.5×4.4×3.2)
6936 (6.9×6.9×3.6)
6944 (6.9×6.9×4.4)
❸ 
Internal connection Code
Refer to connection drawings
❹ 
Turns Code
Refer to Specifications
❺ 
RoHS Compliant
C DRAWINGS AND DIMENSIONS
 
Fig.A - 2BA5532(5Pin)
Fig.B - 2BA5532(6Pin)
2
3,8
3,2 Max
5,5 Max
2,7
3
3
2
1
4
6
4,4
3
1
1,3
2
3,8
3,2 Max
5,5 Max
2,7
3
3
2
1
4
5
6
4,4
3
1
1,3
Fig.C - 2BA6936(5Pin)
Fig.D - 2BA6944(5Pin)
3,8
4
3,6 Max
6,9 Max
3
2
1
4
6
5,7
4
1,2
1,7
4,4 Max
3
2
1
4
6
6,9 Max
3,8
4
5,7
4
1,2
1,7


Similar Part No. - 2BA

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BA-18 POMONA-2BA-18 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BA-24 POMONA-2BA-24 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BA-36 POMONA-2BA-36 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BA-48 POMONA-2BA-48 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
More results

Similar Description - 2BA

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
3A625 ANAREN-3A625 Datasheet
88Kb / 2P
Balun Transformers
logo
MPS Industries, Inc.
R3647 MPSIND-R3647 Datasheet
607Kb / 2P
BALUN TRANSFORMERS
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
Balun Transformers
logo
Pulse A Technitrol Comp...
CX2142NL PULSE-CX2142NL Datasheet
178Kb / 2P
BALUN TRANSFORMERS
logo
TOKO, Inc
B5FL TOKO-B5FL Datasheet
149Kb / 1P
Balun Transformers
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
Balun Transformers Wound SMD
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
Balun Transformers Wound SMD
logo
XFMRS Inc.
XFWB1194 XFMRS-XFWB1194 Datasheet
37Kb / 1P
BALUN TRANSFORMERS
logo
TOKO, Inc
616DB-1191 TOKO-616DB-1191 Datasheet
178Kb / 1P
Balun Transformers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com