Electronic Components Datasheet Search
  English  ▼

X  

2CB Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CB
Description  Common Mode Choke for High-Speed Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CB Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CB Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
3 
2CB Series
Common Mode Choke for High-Speed Line
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:2CB‐2012A
Accetek 
2CB3216-601F
2CB3216-102F
2CB3216-222F
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000
F TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
P
P0
P1
W
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
TapeDimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
2CB2012
2000
178
58
13
13
9.0
8
4
4
2
1.3
0.25
2CB3216
2000
178
58
13
13
9.0
8
4
4
2
2.1
0.25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com