Electronic Components Datasheet Search
  English  ▼

X  

2CX Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CX
Description  Common Mode Power Line Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CX Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CX Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CX Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
2 
2CX Series
Common Mode Power Line Choke
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:2CX‐2012A
Accetek 
D SPECIFICATIONS
Inductance1
DCR2
Ir
UT
UR
Part Number
mH
Tolerance
Max.(Ω)
(A)
V(AC)
V(AC)
2CX9-182F
1.8
+50/-30%
0.31
1.0
2000
250
2CX9-332F
3.3
+50/-30%
0.51
0.8
2000
250
2CX9-562F
5.6
+50/-30%
0.83
0.6
2000
250
2CX9-822F
8.2
+50/-30%
1.30
0.5
2000
250
2CX9-123F
12
+50/-30%
2.00
0.4
2000
250
2CX9-183F
18
+50/-30%
3.10
0.3
2000
250
2CX9-253F
25
+50/-30%
3.60
0.3
2000
250
2CX9H-182F
1.8
+50/-30%
0.31
1.0
2000
250
2CX9H-332F
3.3
+50/-30%
0.51
0.8
2000
250
2CX9H-562F
5.6
+50/-30%
0.83
0.6
2000
250
2CX9H-822F
8.2
+50/-30%
1.30
0.5
2000
250
2CX9H-123F
12
+50/-30%
2.00
0.4
2000
250
2CX9H-183F
18
+50/-30%
3.10
0.3
2000
250
2CX9H-253F
25
+50/-30%
3.60
0.3
2000
250
1. Inductance measured @ 10KHz, 0.1V at 20°C temperature.
2. DCR measured @ 20°C.
E Typical Attenuation Curves
2CX9-182F/2CX9H-182F
2CX9-332F/2CX9H-332F
2CX9-562F/2CX9H-562F
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
2CX9-822F/2CX9H-822F
2CX9-123F/2CX9H-123F
2CX9-183F/2CX9H-183F
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
2CX9-253F/2CX9H253F
0
0.01
0.1
1
10
10
20
30
40
50
60
70
80
100
Frequency f [MHz]
Common Mode
Differential Mode
F Packaging
Case Size
Parts per Tray
2CX9
100
2CX9H
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com