Electronic Components Datasheet Search
  English  ▼

X  

LD79A02K Datasheet(PDF) 3 Page - NEC

Part # LD79A02K
Description  30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD79A02K Datasheet(HTML) 3 Page - NEC

  LD79A02K Datasheet HTML 1Page - NEC LD79A02K Datasheet HTML 2Page - NEC LD79A02K Datasheet HTML 3Page - NEC LD79A02K Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LD79A02K
LD79A02K OUTLINE (Unit in mm)
9. Hellx current ALM
RF INPUT
4 – M3
1
LED
(Note 7)
(5)
(21.1)
139.5
9 - 4.5
φ
83.5
8.5
240
40
DC INPUT & CONTROL
D – Sub CONNECTOR (15 pins)
28.8
Mates with
UG–599 / U Flange
RF OUTPUT
4 – M3
28.8
1
Mates with
UG–599 / U Flange
1. DC IN – 48 V
1
9
8
15
2. DC IN – 48 V
4. DC IN GND
5. DC IN GND
6. STAND BY COM
7. HV ON RESP.
8. HV ON RESP. COM
3. N / C
14. HV SWITCH ON / OFF COM
15. STAND BY
Pin Connection
(D-sub. 15 pins) (Note 1-6)
12. Hellx current MON. COM
13. HV SWITCH ON / OFF
11. Hellx current MON.
10. Hellx current ALM COM
Note 1. DC IN –48 V
: No.1 and No.2 are Connecting
DC IN GROUND
: No.4 and No.5 are Connecting
2. HV ON / OFF RESPONSE SIGNAL : Photocoupler Interface (No.7 : Collector, No.8 : Emitter)
HV ON : No.7 and No.8 conduct
3. Ihel ALM Signal : Photocoupler Interface (No.9 : Collector, No.10 : Emitter)
Ihel ALM Signal ON : No.9 and No.10 conduct.
4. Ihel Monitor (No.11, No.12) : 1 V/mA
5. HV ON : When No.13 and No.14 conduct, TWT will be ready to amplify.
6. STANDBY : After the heater warms up, No.6 and No.15 will conduct.
7. HV ON : LED (Red)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com