Electronic Components Datasheet Search
  English  ▼

X  

SDA1003SS Datasheet(PDF) 1 Page - Sensitron

Part # SDA1003SS
Description  DIODE ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SDA1003SS Datasheet(HTML) 1 Page - Sensitron

  SDA1003SS Datasheet HTML 1Page - Sensitron SDA1003SS Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
DATASHEET 5288, Rev -
©2013 Sensitron Semiconductor • 221 West Industry Court • Deer Park, NY 11729-4681
Tel: (631) 586-7600 • Fax: (631) 242-9798 • www.sensitron.com • sales@sensitron.com
SDA1002SS
SDA1003SS
Diode Array
 Devices Are Serialized
 Built And Screened To Space Level Quality
 Space Quality Level Conformance Testing Is Performed On Each Lot
 SDA1002 – internal diodes are 1N6638 (MIL-PRF-19500/578L)
 SDA1003 - internal diodes are 1N6642 (MIL-PRF-19500/578L)
MAX. RATINGS / ELECTRICAL CHARACTERISTICS FOR EACH DIODE
All rating at are TA = 25
OC unless otherwise specified
RATING
SYMBOL
MAX
UNIT
Peak Inverse Voltage (DC)
SDA1002
SDA1003
PIV
150
100
V
Average DC Output Current
TA = 55
oC
TA = 100
oC
IO
0.30
0.16
A
Peak Single Cycle Surge Current
(Tp=8.3ms single half-Sine wave)
Ifsm
2.5
A
Max. Operating Junction Temperature
TJ
-55 to +150
oC
Max. Operating Ambient Temperature
TOP
-30 to 100
oC
Storage Temperature Range
Tstg
-65 to +175
oC
Maximum forward voltage
SDA1002 @ 200mA
SDA1003 @ 100mA
Vf
1.2
1.3
V
Maximum Instantaneous Reverse
Current At Rated (PIV)
SDA1002, TA= 25
oC
SDA1002, TA= 100
oC
SDA1003, TA= 25
oC
SDA1003, TA= 100
oC
IR
35
500
25
500
A
Max. Reverse Recovery Time
IF =10mA, IRM = 10mA
trr
5
ns
Max Capacitance, f= 1MHz, VAC= 50mV
VR = 1.5V
CT
3
pF
Thermal Resistance Junction to Case
R
JC
250
oC/W


Similar Part No. - SDA1003SS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA1000 RFMD-SDA1000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
logo
Solid States Devices, I...
SDA10000 SSDI-SDA10000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA10000 SSDI-SDA10000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA10000 SSDI-SDA10000 Datasheet
110Kb / 2P
HIGH VOLTAGE RECTIFIER
SDA10000F SSDI-SDA10000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA1003SS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
Diode Array
November 1996
CA3039 INTERSIL-CA3039_00 Datasheet
78Kb / 4P
Diode Array
December 2000
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
logo
Sensitron
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
DIODE ARRAY
logo
Sensitron
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
DIODE ARRAY
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1004 SENSITRON-SDA1004 Datasheet
159Kb / 3P
DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com