Electronic Components Datasheet Search
  English  ▼

X  

PS25451 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS25451
Description  EPIC Ultra High Impedance Movement Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS25451 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS25451 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25451 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25451 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25451 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25451 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PS25451
Data Sheet 291767 Issue 2
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
2
ELECTRICAL CHARACTERISTICS
Tamb = -25°C to +75°C,Vdd/Vss ±2.4V to ±5..5V. The electrical characteristics are guaranteed by either production
test or by design and characterisation. They apply within the specified ambient temperature and supply voltage
unless otherwise stated.
Value
Characteristics
Min.
Typ.
Max.
Units
Conditions
Supply voltage
±2.4
±5.5
V
Bipolar supply, Gnd=0V
Supply current
0.6
2.0
3.5
mA
Effective input resistance
20
G
Effective input capacitance
15
pF
As measured at the sensor electrode
Primary Output Voltage Gain (Av)
47.5
50
52.5
When measured with 250pF coupling
capacitance.
Guard Output voltage gain
0.95
1.0
1.05
@1kHz
Lower -3dB point
0.20
Hz
Set by internal DC signal rejection
network – coupling capacitor 250pF
Upper -3dB point
4.0
kHz
0.2Hz
10kHz
-3dB
0.2Hz
10kHz
-3dB
Fig. 3 Typical Bode Plot for PS25451 Sensor with Coupling through 250pF Capacitor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com