Electronic Components Datasheet Search
  English  ▼

X  

LD79U04K Datasheet(PDF) 1 Page - NEC

Part # LD79U04K
Description  14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD79U04K Datasheet(HTML) 1 Page - NEC

  LD79U04K Datasheet HTML 1Page - NEC LD79U04K Datasheet HTML 2Page - NEC LD79U04K Datasheet HTML 3Page - NEC LD79U04K Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
Document No. ET0225EJ2V0DS00
Date Published September 1998 M
Printed in Japan
14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
The information in this document is subject to change without notice.
©
1996
MICROWAVE POWER MODULE
FOR GROUND TERMINALS
LD79U04K
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
NEC Microwave Power Module (MPM) LD79U04K is a microwave power device in which a traveling wave tube
(TWT) and an electric power conditioner (EPC) are combined, so that both components can accomplish each full
performance.
LD79U04K delivers an output power of 40 W over the range of 13.75 to 14.5 GHz with a gain of 25 dB.
The TWT in the LD79U04K has been designed and developed upon the NEC's advanced technology and enor-
mous experience on a number of TWTs used in satellite ground terminals and terrestrial microwave links.
The very small and light weight EPC designed with sophisticated and experienced circuit technology ensures
higher reliability, reduced maintenance costs and improved technical performance.
The LD79U04K is most suitable for a power amplifier in digital communication systems.
A configuration of separated TWT and EPC can offer superior flexibility of design for high power section of
transmitters.
FEATURES
™ Light weight, Compact, and Efficient
The TWT has a dual-depressed collector and is designed to operate at high efficiency across the power output
range. The EPC features state-of-the-art techniques to optimize size and efficiency and the combination results
in a unit significantly smaller and with less power consumption than a comparable solid state amplifier.
™ Low Distortion
NEC has developed techniques for the correction of non-linear distortion of gain and phase generated in a TWT.
As a result, the MPM has optimum performance across a broad power range and is ideally suited for multi-
carrier transmission systems.
™ Long Life
The TWT in NEC's MPM is designed to have a lifetime of 100,000 hours or more, which is comparable to that of
a solid state amplifier in actual usage.
™ Ideal for Digital Systems
A mini-arcing in the electron gun have been eliminated in the TWT used in the MPM.


Similar Part No. - LD79U04K

ManufacturerPart #DatasheetDescription
logo
NEC
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
More results

Similar Description - LD79U04K

ManufacturerPart #DatasheetDescription
logo
NEC
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD79A02K NEC-LD79A02K Datasheet
49Kb / 4P
30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
Compact and light weight
logo
NEC
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com