Electronic Components Datasheet Search
  English  ▼

X  

DAC8408FS Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8408FS
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FS Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices DAC8408FS Datasheet HTML 10Page - Analog Devices DAC8408FS Datasheet HTML 11Page - Analog Devices DAC8408FS Datasheet HTML 12Page - Analog Devices DAC8408FS Datasheet HTML 13Page - Analog Devices DAC8408FS Datasheet HTML 14Page - Analog Devices DAC8408FS Datasheet HTML 15Page - Analog Devices DAC8408FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DAC8408
–12–
REV. A
SINGLE SUPPLY, VOLTAGE OUTPUT OPERATION
The DAC8408 can be connected with a single +5 V supply to
produce DAC output voltages from 0 V to +1.5 V. In Figure 8,
the DAC8408 R-2R ladder is inverted from its normal connec-
tion. A +1.500 V reference is connected to the current output pin
4 (IOUT 1A), and the normal VREF input pin becomes the DAC
output. Instead of a normal current output, the R-2R ladder out-
puts a voltage. The OP-490, consisting of four precision low
power op amps that can operate its inputs and outputs to zero
volts, buffers the DAC to produce a low impedance output volt-
age from 0 V to +1.5 V full-scale. Table III shows the code table.
With the supply and reference voltages as shown, better than 1/2
LSB differential and integral nonlinearity can be expected. To
maintain this performance level, the +5 V supply must not drop
below 4.75 V. Similarly, the reference voltage must be no higher
than 1.5 V. This is because the CMOS switches require a mini-
mum level of bias in order to maintain the linearity performance.
Table III. Single Supply Binary Code Table (Refer to Figure 8)
DAC Data Input
MSB
LSB
Analog Output
1 1 1 1 1 1 1 1
VREF
255
256
, +1.4941 V
1 0 0 0 0 0 0 1
VREF
129
256
, +0.7559 V
1 0 0 0 0 0 0 0
VREF
128
256
, +0.7500 V
0 1 1 1 1 1 1 1
VREF
127
256
, +0.7441 V
0 0 0 0 0 0 0 1
VREF
1
256
, +0.0059 V
0 0 0 0 0 0 0 0
VREF
0
256
, 0.0000 V
Figure 8. Unipolar Supply, Voltage Output DAC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com