Electronic Components Datasheet Search
  English  ▼

X  

2SD1421 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD1421
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1421 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD1421 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1421 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1421 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1421 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1421 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1421 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1421
3
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
1.0
0.8
0.6
0.4
0.2
0
1020304050
Collector to Emitter Voltage VCE (V)
IB = 0
0.5 mA
1.0
1.5
2.0
2.5
3.0
4.0
5.0
3.5
Pulse
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
1
2
5
10
20
50
200
500
100
0
0.2
0.4
0.6
0.8
1.0
VCE = 5 V
Pulse
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1
3
10
30
100 300 1,000 3,000
0
50
100
150
200
250
300
VCE = 5 V
Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com