Electronic Components Datasheet Search
  English  ▼

X  

PS13201 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS13201
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS13201 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS13201 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS13201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PS13201
Data Sheet 210892 issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
4
The PS13201 CANNOT be GUARANTEED to operate below 100MHz and meet the electrical characteristics shown
above. However, characterisation has shown that the device can still function adequately down to frequencies of 50MHz,
with the following reservations:-
1.
The video bandwidth is fixed to approx 40MHz a certain amount of carrier breakthrough on the video O/P
(pin 13) will occur, with input signal frequencies below 100MHz.
2.
There are 2 RF coupling capacitors (20pF) on-chip, which couple the output signal from stage 3 to the
input of stage 4 (ref Fig. 24). These can introduce undesirable limiting phase performance for input signal
frequencies below 100MHz.
PRODUCT DESCRIPTION
The PS13201 is a complete monolithic successive detection Log/limiting amplifier which can operate over an input
frequency range of 100MHz to 500MHz. Producing a log/lin characteristic for input signals between -64dBm and
+6dBm, the log amplifier can provide an accuracy of better than ±1.00dB at case temperatures of -55°C and
+25°C and an accuracy of better than ±1.25dB at +125°C. The dynamic range is better than 75dB over a
frequency range of 100MHz to 400MHz. The graph in fig 4 shows how the dynamic range is guaranteed over
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com