Electronic Components Datasheet Search
  English  ▼

X  

8085AH Datasheet(PDF) 2 Page - 3M Electronics

Part # 8085AH
Description  8-BIT HMOS MICROPROCESSORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8085AH Datasheet(HTML) 2 Page - 3M Electronics

  8085AH Datasheet HTML 1Page - 3M Electronics 8085AH Datasheet HTML 2Page - 3M Electronics 8085AH Datasheet HTML 3Page - 3M Electronics 8085AH Datasheet HTML 4Page - 3M Electronics 8085AH Datasheet HTML 5Page - 3M Electronics 8085AH Datasheet HTML 6Page - 3M Electronics 8085AH Datasheet HTML 7Page - 3M Electronics 8085AH Datasheet HTML 8Page - 3M Electronics 8085AH Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
8085AH/-1/-2
Specification Number 8085AH-1-2-C (I) Rev C
Page 2 of 21
Rochester Part Number
Intel Part Number
Package
Temperature
D8085AH
D8085AH
CDIP-40
0° to +70°C
D8085AH-1
D8085AH-1
CDIP-40
0° to +70°C
D8085AH-2
D8085AH-2
CDIP-40
0° to +70°C
P8085AH
P8085AH
PDIP-40
0° to +70°C
P8085AH-1
P8085AH-1
PDIP-40
0° to +70°C
P8085AH-2
P8085AH-2
PDIP-40
0° to +70°C
QD8085AH
QD8085AH
CDIP-40
0° to +70°C
QD8085AH-2
QD8085AH-2
CDIP-40
0° to +70°C
QP8085AH
QP8085AH
PDIP-40
0° to +70°C
QP8085AH-2
QP8085AH-2
PDIP-40
0° to +70°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com