Electronic Components Datasheet Search
  English  ▼

X  

8L01 Datasheet(PDF) 2 Page - Coto Technology

Part # 8L01
Description  8L SERIES/SPARTAN DIP REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

8L01 Datasheet(HTML) 2 Page - Coto Technology

  8L01 Datasheet HTML 1Page - Coto Technology 8L01 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
Notes:
1
Consult factory for life expectancy at other switching loads.
2
Molded depression on top of relay refers to pin #1 location.
3
Optional coil suppression diode across pins 2(+) and 6(-).
4
Optional ES Shield is tied to pin 9.
5
Surface mount processing temperature: 260ºC max for 1
minute dwell time. Temperature measured on lead where
lead exits molded package.
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C;
Solder Temp: 270°C max; 10 sec. max
All electrical parameters measured at 25°C unless otherwise specified.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1”x.1” (2.54mm x 2.54mm)
MODEL NUMBER
8L012,3,4
8L022,3,4
8L412,3,4
8L612,3,4,5
Parameters
Test Conditions
Units
1 Form A
2 Form A
1 Form C
1 Form C
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
24
5
12
24
5
12
24
5
12
Max. Coil Voltage
VDC
6.5
15
32
6.5
15
32
6.5
15
32
6.5
15
Coil Resistance
+/- 10%, 25° C
Ω
500 500 2150 200 500 2000 200 500 2000
200
500
Operate Voltage
Must Operate by
VDC - Max.
3.8 9.6 19.2 3.8
9.6 19.2 3.8
9.6 19.2
3.8
9.6
Release Voltage
Must Release by
VDC - Min.
0.5 1.0
2.0
0.5
1.0
2.0
0.5
1.0
2.0
0.5
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
100
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.25
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
1.0
0.5
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
3
3
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
500
500
100
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.150
0.150
0.200
0.200
Dynamic Contact
Resistance (max. init.)
50mV, 50mA
at 100 Hz, 1.5 msec
Ω
N/A
N/A
N/A
0.25
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1010
1010
109
109
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.5
1.0
0.5
0.5
0.5
0.2
1.5
1.5
1.0
1.5
1.5
1.0
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.5
2.0
0.5
1.5
2.0
0.5
1.5
2.0
0.5
1.5
2.0
0.5
Contact to Shield
No Shield
Shield Floating
Shield Guarding
pF
2.0
1.5
2.0
2.0
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1500
1500
250
1500
1500
200
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
0.5
1.0
1.0
Release Time - Typical
No Suppression
msec.
0.5
0.5
1.0
1.0
1
2
6
7
14
13
9
8
1
2
6
7
14
13
9
8
1
2
6
7
14
13
9
8
1
2
6
7
14
13
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com