Electronic Components Datasheet Search
  English  ▼

X  

2200 Datasheet(PDF) 1 Page - Coto Technology

Part # 2200
Description  2200 SERIES REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

2200 Datasheet(HTML) 1 Page - Coto Technology

  2200 Datasheet HTML 1Page - Coto Technology 2200 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
in Inches (Millimeters)
2200 Series Reed Relays
Ideally suited to the needs of Automated Test Equipment and RF requirements. The
specification tables allow you to select the appropriate relay for your particular ap-
plication. If your requirements differ, please consult your local representative or Coto’s
Factory.
2200 Series Features
u
Very small footprint (0.17 in2), high reliability reed relays
u
High Insulation Resistance - 1012 Ω available with model 2204
u
High speed switching compared to electromechanical relays
u
Hermetically sealed contacts for long life
u
Epoxy coated steel shell provides magnetic shielding
u
Optional Electrostatic Shield for reducing capacitive coupling
u
Optional Coaxial Shield for 50Ω impedance and switching of fast rise time digital
pulses offered on Form A
u
Relay models 2200-2301, 2200-2302 are ATE industry standards
u
Specifically engineered for OEM designs and maintenance of existing
production fixtures
u
RoHS compliant
2200 SERIES REED RELAYS
.125
.810
.700
(17.78)
(12.7)
.500
(20.57)
(3.18)
(2.54)
(5.72)
.020
.225
.210
(0.46)
.018 Dia. pins
(0.51)
.100
(5.33)
4
3
2
1
5
7
86
Ordering Information
Part Number
XXXX-XX-XX1
Model Number
2204
2211
Coil Voltage
05=5 volts
12=12 volts
Shielding Options2
0=No Shielding
1=Electrostatic Shield
(N/A on Model #2211)
2=Coaxial Shield
(N/A on Model #2211)
Coil Options
3=use for Model #2204 (12 volt coil)
and Model #2211 (5 & 12 volt coil)
4=use for Model #2204 (5 volt coil)
u
Model #’s 2200-2301 & 2200-2302 represent
complete part numbers .
NOTE
Bottom View
tel: (401) 943.2686
|
fax: (401) 942.0920
12 | page


Similar Part No. - 2200

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2200 GILWAY-2200 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
3M Electronics
2200 3M-2200 Datasheet
460Kb / 2P
Vinyl Mastic Pads and Rolls
logo
Advanced Energy Industr...
2200 ADVANCEDENERGY-2200 Datasheet
339Kb / 4P
TREK 2200 SERIES
10.20.23
logo
Adafruit Industries
2200 ADAFRUIT-2200 Datasheet
288Kb / 3P
Precision LM4040 Voltage Reference Breakout - 2.048V and 4.096V
11/13/2015
logo
WAGO Kontakttechnik Gmb...
2200-1201 WAGO-2200-1201 Datasheet
709Kb / 15P
2-conductor through terminal block; with push-button
23.11.2021
More results

Similar Description - 2200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
SIP SERIES REED RELAYS
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
logo
List of Unclassifed Man...
LQ52A00 ETC2-LQ52A00 Datasheet
347Kb / 3P
EMR SERIES REED RELAYS
logo
Meder Electronic
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
Reed Relays
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
Reed Relays
logo
Coto Technology
2900 COTO-2900 Datasheet
504Kb / 2P
2900 SERIES REED RELAYS
logo
List of Unclassifed Man...
D1C24C ETC2-D1C24C Datasheet
961Kb / 1P
REED RELAYS SERIES 80
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
MHV Series Reed Relays
Version 01 30 Sep 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com