Electronic Components Datasheet Search
  English  ▼

X  

2970 Datasheet(PDF) 1 Page - Coto Technology

Part # 2970
Description  2970 SERIES REED RELAYS FOR -40C TO 125C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

2970 Datasheet(HTML) 1 Page - Coto Technology

  2970 Datasheet HTML 1Page - Coto Technology 2970 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
in Inches (Millimeters)
2970 Series Reed Relays
Ideally suited to the needs of Automated Test Equipment and Instrumentation. The
2970 series offers a 1 Form A and 1 Form C coaxial relay for special -40ºC to +125°C
testing environments. If your requirements differ, please consult your local representa-
tive or Coto’s Factory.
2970 Series Features
u
Coaxial shield for 50Ω impedance
u
High Insulation Resistance
u
Hermetically sealed contacts for long life
u
Epoxy coated steel shell provides magnetic shielding
u
Wide operating temperature range -40ºC to +125ºC
u
RoHS compliant
2970 SERIES REED RELAYS FOR -40ºC TO 125ºC
Ordering Information
Part Number 297X-XX-00
Model Number
2974 (Form 1A)
2971 (Form 1C)
Coil Voltage
05=5 volts
12=12 volts
4
3
2
1
5
7
86
(2.54)
(7.11)
(17.78)
(12.7)
(20.82)
(0.56)
.022 Dia. pins
(0.51)
(3.18)
.100
(6.35)
.820
.500
.700
.125
.250
.020
.280
Bottom View
tel: (401) 943.2686
|
fax: (401) 942.0920
22 | page
24042014
Wide Operating Range
-40ºC to +125ºC


Similar Part No. - 2970

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2970 POMONA-2970 Datasheet
27Kb / 1P
Triple Banana Plug
logo
KR Electronics, Inc.
2970 KR-2970 Datasheet
39Kb / 2P
2.8125 MHz Center Frequency
logo
Heyco.
2970 HEYCO-2970 Datasheet
139Kb / 1P
Nylon D-Subminiature Mounting Hole Plugs
logo
Pomona Electronics
2970-0 POMONA-2970-0 Datasheet
27Kb / 1P
Triple Banana Plug
2970-2 POMONA-2970-2 Datasheet
27Kb / 1P
Triple Banana Plug
More results

Similar Description - 2970

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
SIP SERIES REED RELAYS
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
logo
List of Unclassifed Man...
LQ52A00 ETC2-LQ52A00 Datasheet
347Kb / 3P
EMR SERIES REED RELAYS
logo
Coto Technology
2200 COTO-2200 Datasheet
525Kb / 2P
2200 SERIES REED RELAYS
2270 COTO-2270 Datasheet
375Kb / 2P
2270 SERIES REED RELAYS FOR -40C TO 125C
2370 COTO-2370 Datasheet
458Kb / 2P
2370 SERIES MULTI-POLE REED RELAYS FOR -40C TO 125C
2900 COTO-2900 Datasheet
504Kb / 2P
2900 SERIES REED RELAYS
9270 COTO-9270 Datasheet
475Kb / 2P
9270 SERIES -40C TO 125C SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
D1C24C ETC2-D1C24C Datasheet
961Kb / 1P
REED RELAYS SERIES 80
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
MHV Series Reed Relays
Version 01 30 Sep 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com