Electronic Components Datasheet Search
  English  ▼

X  

5500 Datasheet(PDF) 2 Page - Coto Technology

Part # 5500
Description  5500 SERIES/HIGH VOLTAGE REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

5500 Datasheet(HTML) 2 Page - Coto Technology

  5500 Datasheet HTML 1Page - Coto Technology 5500 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1
Consult factory for life expectancy at other switching loads .
2
This relay contains a bias magnet . Correct coil polarity must be observed .Models 5502 and 5504 susceptible to magnetic interaction due to
bias internal magnet .
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C; Solder Temp: 270°C max; 10 sec . max
All electrical parameters measured at 25°C unless otherwise specified .
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
MODEL NUMBER
5501
55022
5503
55042
Parameters
Test Conditions
Units
1 Form A
High Voltage
Isolation
1 Form B
High Voltage
Isolation
1 Form A
Load Switching
1 Form B
Load Switching
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
24
5
12
24
5
12
24
5
12
24
Max. Coil Voltage
VDC
6.5
15
30
6.5
15
30
6.5
15
30
6.5
15
30
Coil Resistance
+/- 10%, 25° C
Ω
40 175 575 40 175 575 40 175 575 40 175 575
Operate Voltage
Must Operate by
VDC - Max.
3.75 9.0 18.0 3.75 9.0 18.0 3.75 9.0 18.0 3.75 9.0 18.0
Release Voltage
Must Release by
VDC - Min.
0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
7500
7500
3500
3500
Switching Current
Max DC/Peak AC Resist.
Amps
3.0
3.0
3.0
3.0
Carry Current
Max DC/Peak AC Resist.
Amps
5.0
5.0
5.0
5.0
Contact Rating
Max DC/Peak AC Resist.
Watts
50
50
200
200
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
100
100
100
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.080
0.080
0.200
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1010
1010
1010
1010
Capacitance - Typical
Across Open Contacts
pF
1.5
1.5
1.5
1.5
Dielectric Strength
(minimum)
Between Contacts
Contacts to Coil
VDC/peak AC
VDC/peak AC
10,000
10,000
10,000
10,000
7,500
10,000
7,500
10,000
Operate Time -
including bounce
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
3.0
3.0
3.0
3.0
Release Time - Typical
msec.
3.0
3.0
3.0
3.0
Top View: Grid = .1”x.1” (2.54mm x 2.54mm)
1
2
3
4
+
5502, 5504
1
2
3
4
5501, 5503
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com