Electronic Components Datasheet Search
  English  ▼

X  

7000 Datasheet(PDF) 2 Page - Coto Technology

Part # 7000
Description  7000 SERIES/HIGH RELIABILITY REED RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

7000 Datasheet(HTML) 2 Page - Coto Technology

  7000 Datasheet HTML 1Page - Coto Technology 7000 Datasheet HTML 2Page - Coto Technology 7000 Datasheet HTML 3Page - Coto Technology 7000 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes:
1
Consult factory for life expectancy at other switching loads .
2
Optional coil suppression diode Pin #1 is +.
3
Hg Content: Form A, 0.04 grams per capsule; Form C, 0.072 grams per capsule .
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C; Solder Temp: 270°C max; 10 sec . max
All electrical parameters measured at 25°C unless otherwise specified .
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
7000 SERIES
Parameters
Test Conditions
Units
Form A, B2
Form C
Form A3
Hg Wetted
Form A
High
Voltage
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
150
500
500
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.25
1.0
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
2.0
0.5
2.0
2.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
3
50
10
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
1000
100
1000
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.100
0.150
0.075
0.100
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.150
0.200
0.100
0.150
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1012
1010
1012
1012
Capacitance - Typical
Across Open Contacts
No Shield
Shield Guarding
pF
pF
1.0
0.2
2.0
1.0
1.0
0.2
1.0
0.2
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1000
1500
200
1000
1500
1000
1000
1500
1200
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
1.0
2.0
2.0
1.0
Release Time - Typical
msec.
0.1
2.5
1.0
0.1
Dot stamped on top of relay
refers to pin #1 location
(See following pages for schematic
diagrams and coil data.)
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com