Electronic Components Datasheet Search
  English  ▼

X  

9270 Datasheet(PDF) 2 Page - Coto Technology

Part # 9270
Description  9270 SERIES -40C TO 125C SURFACE MOUNT REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9270 Datasheet(HTML) 2 Page - Coto Technology

  9270 Datasheet HTML 1Page - Coto Technology 9270 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY, INC.
fax (401) 942.0920
|
www.cotorelay.com
MODEL NUMBER
9270
Parameters
Test Conditions
Units
1 Form A
50 Ω Coaxial
COIL SPECS.
Nom. Coil Voltage
VDC
5 12
Max. Coil Voltage
VDC
6.5 15.0
Coil Resistance
+/- 10%, 25° C
Ω
100 400
Operate Voltage
Must Operate by
VDC - Max.
2.5 6.7
Release Voltage
Must Release by
VDC - Min.
0.4 1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
1000
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.150
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1012
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
-
1.0
0.2
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
-
2.0
0.4
Contact to Coil
Contacts Open, Shield Floating
pF
2
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
500
500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.40
Release Time - Typical
msec.
0.10
Notes:
1
Consult factory for life expectancy at other switching loads.
2
Surface mount component processing temperature: 500°F / 260°C max for 1 min-
ute dwell time. Temperature measured on leads where lead exits molded package.
Environmental Ratings:
Storage Temp: -40°C to +125°C; Operating Temp: -40°C to +125°C
All electrical parameters measured at 25°C unless otherwise specified.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
24 6
13 5
06262014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com