Electronic Components Datasheet Search
  English  ▼

X  

CT128 Datasheet(PDF) 1 Page - Coto Technology

Part # CT128
Description  Load Voltage: 40V Maximum
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT128 Datasheet(HTML) 1 Page - Coto Technology

  CT128 Datasheet HTML 1Page - Coto Technology CT128 Datasheet HTML 2Page - Coto Technology CT128 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS® CT128/CS128
The CT128 and CS128 feature high current switching capability to 4.5A with a low
on resistance of 0.05Ω Maximum. Designed for ATE, Controls, or Measurement and
Instrumentation applications the CotoMOS® relay is capable of handling 40V load
conditions. If your requirements are different please contact your Coto Applications
Engineer for assistance through www.cotorelay.com or email us at
cotomos@cotorelay.com.
CT128/CS128 Features
u
Contact Form: 1A
u
Load Voltage: 40V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: 4.5A Maximum
u
On-Resistance: 0.05Ω Maximum
u
Low Off-State Leakage Current: 10μA Maximum
u
I/O Breakdown Voltage: 1500Vrms Minimum
u
Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum
CS128
CT128
CT128/CS128
TERMINAL IDENTIFICATION
6 54
1 23
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3: NC
4,6: Drain (MOS FET)
5: Source (MOS FET)
0.047(1.2)
0.358(9.1)Max.
0.118(3.0)
IDENTIFIES PIN #1
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.470(1.2)
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.358(9.1)Max.
0.010(0.25)
IDENTIFIES PIN #1


Similar Part No. - CT128

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
CT12-12-01L COHERENT-CT12-12-01L Datasheet
291Kb / 3P
TECHNICAL DATA SHEET FOR CT12-12
CT12-12-01LS COHERENT-CT12-12-01LS Datasheet
291Kb / 3P
TECHNICAL DATA SHEET FOR CT12-12
CT12-15-01L COHERENT-CT12-15-01L Datasheet
259Kb / 3P
Single-Stage Thermoelectric Module
CT12-15-01LS COHERENT-CT12-15-01LS Datasheet
259Kb / 3P
Single-Stage Thermoelectric Module
CT12-6A-01L COHERENT-CT12-6A-01L Datasheet
288Kb / 3P
Single-Stage Thermoelectric Module
More results

Similar Description - CT128

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
Miniature SOP4-pin with C횞R10 40V load voltage
logo
Coto Technology
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT326 COTO-CT326 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 40V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
CT674 COTO-CT674 Datasheet
335Kb / 2P
Contact Form: 2b Load Voltage: 400V Maximum
CT124 COTO-CT124 Datasheet
1,015Kb / 3P
Load Voltage: 40V Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com