Electronic Components Datasheet Search
  English  ▼

X  

2SD2115L Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD2115L
Description  Silicon NPN Epitaxial Planar(Low frequency power amplifier)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2115L Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD2115L Datasheet HTML 1Page - Hitachi Semiconductor 2SD2115L Datasheet HTML 2Page - Hitachi Semiconductor 2SD2115L Datasheet HTML 3Page - Hitachi Semiconductor 2SD2115L Datasheet HTML 4Page - Hitachi Semiconductor 2SD2115L Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2115(L)/(S)
3
TC = 25°C
IB = 0
1.0
0.8
0.6
0.4
0.2
0
2
Collector to emitter voltage VCE (V)
6
410
8
Typical Output Characteristics
0.5 mA
1
1.5
2
2.5
3.5
4.5
4
3
5
1,000
300
30
100
10
0.03
0.1
0.3
Collector current IC (A)
1.0
3.0
VCE = 5 V
Ta = 25
°C
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation Voltage
vs. Base Current
10
3.0
1.0
0.3
0.1
2
10
30
100
200
Base current IB (mA)
Ta = 25
°C
IC = 2 A
1.5 A
1 A
Saturation Voltage
vs. Collector Current
10
3
1.0
0.3
0.1
0.03
0.01
0.03
0.1
1.0
Collector current IC (A)
0.3
3.0
VBE(sat)
VCE(sat)
IC = 20 IB
Ta = 25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com