Electronic Components Datasheet Search
  English  ▼

X  

S82K00315 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # S82K00315
Description  DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82K00315 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button S82K00315 Datasheet HTML 16Page - Omron Electronics LLC S82K00315 Datasheet HTML 17Page - Omron Electronics LLC S82K00315 Datasheet HTML 18Page - Omron Electronics LLC S82K00315 Datasheet HTML 19Page - Omron Electronics LLC S82K00315 Datasheet HTML 20Page - Omron Electronics LLC S82K00315 Datasheet HTML 21Page - Omron Electronics LLC S82K00315 Datasheet HTML 22Page - Omron Electronics LLC S82K00315 Datasheet HTML 23Page - Omron Electronics LLC S82K00315 Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
76
Switching Power Supply
S82K
Precautions
Caution
Be sure to connect the grounding line. Not doing so may result
in electric shock.
Do not attempt to disassemble the Power Supply or touch
its internal parts while power is being supplied. Doing so
may result in electric shock.
Do not touch the terminals of the Power Supply within one
minute after power has been turned OFF. Doing so may
result in electric shock due to a residual voltage.
Do not touch the Power Supply Unit while power is being
supplied or immediately after power has been turned OFF.
Doing so may result in a skin burn due to high temperature
of the Power Supply.
WARNING
J MOUNTING
To improve and maintain the reliability of the Power Supply over a
long period of time, consider the heat dissipation.
The Power Supply is designed to dissipate heat by means of
natural air-flow. Mount the Power Supply so that air flow takes
place around the Power Supply.
Air
When mounting two or more Power Supplies side-by-side, allow
at least 20 mm (0.79 in) spacing between them, as shown in the
following illustration.
Forced-air cooling is recommended.
20 mm min.
To mount the Power Supply on a DIN rail, hook portion (A) of the
Power Supply to the rail and press the Power Supply toward
direction (B).
(A)
(B)
J REMOVAL
To remove the Power Supply, pull down portion (C) with a
flat-blade screwdriver and pull out the Power Supply.
(C)
30 mm min.
Track stopper
When tightening the terminals, do not tighten the terminal block
to a torque greater than 75 N.
J SELECTION OF 100 TO 120 VAC
OR 200 TO 240 VAC INPUT VOLTAGE
(S82K-
j09024/-j10024/-24024/-24024T)
Select a 120 V or 240 V input by shorting or opening the Input
Voltage Selector Terminals, as shown in the following diagram.
The default setting is 240 V.
100-V to 120-V Input
200-V to 240-V Input
Note: Use the short bar to
short-circuit terminals
7 and 8.
Note: Remove the short bar.
8
67
8
67
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com