Electronic Components Datasheet Search
  English  ▼

X  

2SD667 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD667
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD667 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD667 Datasheet HTML 1Page - Hitachi Semiconductor 2SD667 Datasheet HTML 2Page - Hitachi Semiconductor 2SD667 Datasheet HTML 3Page - Hitachi Semiconductor 2SD667 Datasheet HTML 4Page - Hitachi Semiconductor 2SD667 Datasheet HTML 5Page - Hitachi Semiconductor 2SD667 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD667, 2SD667A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SD667
2SD667A
Unit
Collector to base voltage
V
CBO
120
120
V
Collector to emitter voltage
V
CEO
80
100
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
11A
Collector peak current
i
C(peak)
22A
Collector power dissipation
P
C
0.9
0.9
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–50 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SD667
2SD667A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
120
—
—
120
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
80
—
—
100
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5—
—
5
—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
10
—
—
10
µAV
CB = 100 V, IE = 0
DC current transfer ratio h
FE1*
1
60
—
320
60
—
200
V
CE = 5 V,
I
C = 150 mA*
2
h
FE2
30
—
—
30
—
—
V
CE = 5 V,
I
C = 500 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
—
—
1
—
—
1VI
C = 500 mA,
I
B = 50 mA*
2
Base to emitter voltage
V
BE
—
—
1.5
—
—
1.5
V
V
CE = 5 V,
I
C = 150 mA*
2
Gain bandwidth product f
T
—
140
—
—
140
—
MHz
V
CE = 5 V,
I
C = 150 mA*
2
Collector output
capacitance
Cob
—
12
—
—
12
—
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Notes: 1. The 2SD667 and 2SD667A are grouped by h
FE1 as follows.
2. Pulse test
BC
D
2SD667
60 to 120
100 to 200
160 to 320
2SD667A
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com