Electronic Components Datasheet Search
  English  ▼

X  

2SD669 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD669
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD669 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD669 Datasheet HTML 1Page - Hitachi Semiconductor 2SD669 Datasheet HTML 2Page - Hitachi Semiconductor 2SD669 Datasheet HTML 3Page - Hitachi Semiconductor 2SD669 Datasheet HTML 4Page - Hitachi Semiconductor 2SD669 Datasheet HTML 5Page - Hitachi Semiconductor 2SD669 Datasheet HTML 6Page - Hitachi Semiconductor 2SD669 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SD669, 2SD669A
2
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
2SD669
2SD669A
Unit
Collector to base voltage
V
CBO
180
180
V
Collector to emitter voltage
V
CEO
120
160
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
1.5
1.5
A
Collector peak current
I
C(peak)
33A
Collector power dissipation
P
C
11W
P
C*
1
20
20
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Note:
1. Value at T
C = 25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com