Electronic Components Datasheet Search
  English  ▼

X  

TMC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMC
Description  EM Clutch (with bearing mounted field)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.6
1.2
2.5
5
10
20
4.4 / 6
8.9 / 12
18 / 24
37 / 50
74 / 100
148 / 200
0.5
0.65
0.92
1.35
1.6
2.2
48
37
26
18
15
11
12
15
22
33
38
53
15
21
30
52
90
110
18
21
32
48
85
95
EM Clutch (with bearing mounted field)
Types: 0.6, 1.2, 2.5, 5, 10, 20
24
Static Torque [ft-lbs / N-m]
TMC
Voltage [DC-V]
┌────────────────
[ Special Order ]────────────────┐
Pull-In Time [ms]
Release Time [ms]
Wattage [W]
Armature
Coil
(20°C)
Resistance [Ω]
Current [A]
TMC
8
3
8
85
95
47
52
76
87
130
155
5000
5000
4500
4000
3600
3000
Rotor
0.75
2.3
7.3
23
58
194
Armature
0.5
1.5
4.8
14
45
136
0.5
0.6
0.7
0.8
1.2
1.5
2.9 x 107
6.6 x 107
13 x 107
26 x 107
62 x 107
120 x 107
13 x 107
25 x 107
49 x 107
88 x 107
170 x 107
320 x 107
dH7
12
15
20
25
30
40
bE9
45577
10
t+0.15/-0
13.5
17222833
43.5
A
70
90
113
142
178
225
B
67
86
108
136
170
215
C
3545536683
107
D
66
85
107
135
169
214
E
41566578
100
125
F
5666
10
10
G
141616162424
H
4.5
5.5
6.5
6.5
8.5
8.5
J
46607695
120
158
K
M3
M4
M5
M6
M8
M10
L
29.5
33.1
38.5
43.5
50.6
60.5
M
24
26.5
30
33.5
37.5
44
N
5.5
6.6
8.5
10
13.1
16.5
P
1111
0.1
0
R
5.8
7
8.2
10.41417.5
S
0.2~0.3
0.2~0.3
0.2~0.3
0.2~0.3
0.3~0.4
0.4~0.5
T
1.6
2
2
2
2.9
2.9
1.1 / 0.5
2.2 / 1.0
4.0 / 1.8
7.3 / 3.3
13 / 6
24 / 11
[ Included parts & accessories : bolts, washers, spacers, shims, surge protector ]
[ 1 inch = 25.4 mm ]
Bore [mm]
Moment of Inertia (J)
[kg-cm²]
Max Allowable Speed [rpm]
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Max Air Gap Until Adjustment [mm]
Total Energy Until Adjustment [J]
Total Energy Until Life [J]
Torque Build-Up Time [ms]
[]
TMC
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
TMC


Similar Part No. - TMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMC VISHAY-TMC Datasheet
196Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-Jun-16
TMC VISHAY-TMC Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
logo
Adam Technologies, Inc.
TMC-1-XX-1-G-260-5391 ADAM-TECH-TMC-1-XX-1-G-260-5391 Datasheet
78Kb / 1P
SCREW MACHONE TERMINAL
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
Highly reliable Hall Effect device
logo
Adam Technologies, Inc.
TMC-3XX-1-G-1 ADAM-TECH-TMC-3XX-1-G-1 Datasheet
82Kb / 1P
SCREW MACHONE TERMINAL
More results

Similar Description - TMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
TMF ETC2-TMF Datasheet
136Kb / 1P
EM Clutch (with flange mounted field)
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com