Electronic Components Datasheet Search
  English  ▼

X  

VCE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VCE
Description  EM Clutch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  VCE Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE Datasheet HTML 2Page - List of Unclassifed Manufacturers VCE Datasheet HTML 3Page - List of Unclassifed Manufacturers VCE Datasheet HTML 4Page - List of Unclassifed Manufacturers VCE Datasheet HTML 5Page - List of Unclassifed Manufacturers VCE Datasheet HTML 6Page - List of Unclassifed Manufacturers VCE Datasheet HTML 7Page - List of Unclassifed Manufacturers VCE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A
B
C
K
J
L
[ Note 1 : Available as factory-mounted only ]
[ 1 inch = 25.4 mm ]
Cooling Fan for V-Series Units
Types: 1.2, 2.5, 5
5
2000
2.5
1.2
6.5
138
76
VF
Max Allowable Speed [rpm]
2000
2000
62
50
4.5
16
13
131
Dimensions
[mm]
60
110
108
164
95
5.5
11
88
Optional Units¹
Applicable Units
VCE(H)-P
VBE(H)-P
VCE(H)
VBS(H)-P
VCS(H)-P
76
VBS(H)
VBE(H)
VCS(H)
VBEHA
VCSHA
VBSHA
VCEHA
VF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com