Electronic Components Datasheet Search
  English  ▼

X  

2SD975 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD975
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD975 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD975 Datasheet HTML 1Page - Hitachi Semiconductor 2SD975 Datasheet HTML 2Page - Hitachi Semiconductor 2SD975 Datasheet HTML 3Page - Hitachi Semiconductor 2SD975 Datasheet HTML 4Page - Hitachi Semiconductor 2SD975 Datasheet HTML 5Page - Hitachi Semiconductor 2SD975 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD975
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
150
—
—
V
I
C = 1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
60
—
—
V
I
C = 10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5
——V
I
E = 1 mA, IC = 0
Collector cutoff current
I
CBO
—
—
1.0
µAV
CB = 100 V, IE = 0
DC current transfer ratio
h
FE
150
—
—
V
CE = 5 V, IC = 1.5 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
—
—
0.5
V
I
C = 1.5 A, IB = 0.05 A*
1
Base to emitter saturation
voltage
V
BE(sat)
—
—
1.3
V
Fall time
t
f
—
—
0.6
µsI
C = 1.5 A, IB1 = –IB2 = 50 mA
Note:
1. Pulse test.
Maximum Collector Dissipation
Curve
1.2
0.8
0.4
0
50
100
150
Ambient temperature Ta (
°C)
Area of Safe Operation
6
5
4
3
2
1
0
50
100
150
Collector to emitter voltage VCE (V)
(60 V, 0.5 A)
(20 V, 5 A)
TC = 25°C
f = 15.75 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com